Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 35Page - Texas Instruments TMDS171 Datasheet HTML 36Page - Texas Instruments TMDS171 Datasheet HTML 37Page - Texas Instruments TMDS171 Datasheet HTML 38Page - Texas Instruments TMDS171 Datasheet HTML 39Page - Texas Instruments TMDS171 Datasheet HTML 40Page - Texas Instruments TMDS171 Datasheet HTML 41Page - Texas Instruments TMDS171 Datasheet HTML 42Page - Texas Instruments TMDS171 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
39
TMDS171, TMDS171I
www.ti.com
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.17 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00010110) (reset: 00h)
Figure 45. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (16h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 21. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (16h)
Bit
Field
Type
Reset
Description
7:4
PV_DP_EN[3:0]
R/W
4’b0000
Enable datapath verified based on DP_TST_SEL, 1 bit per lane
3
Reserved
R
1’b0
Reserved
2:0
DP_TST_SEL[2:0]
R/W
3’b000
Selects pattern reported by BERT_CNT[11:0],
TST_INT[0] and TST_INTQ[0] and PV_DP_EN is non-zero.
000 – TMDS disparity or data errors
001 – FIFO errors
010 – FIFO overflow errors
011 – FIFO underflow errors
100 – TMDS deskew status
101,110,111 – Reserved.
8.5.18 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00010111) (reset: 00h)
Figure 46. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (17h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/U
R/U
R/U
R/U
R/U
R/U
R/U
R/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 22. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (17h)
Bit
Field
Type
Reset
Description
7:4
TST_INTQ[3:0]
R/U
4’b0000
Latched interrupt flag. 1 bit per lane
3:0
RTST_INT[3:0]
R/U
4’b0000
Test interrupt flag. 1 bit per lane.
8.5.19 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00011000) (reset: 00h)
Figure 47. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (18h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/U
R/U
R/U
R/U
R/U
R/U
R/U
R/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 23. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (18h)
Bit
Field
Type
Reset
Description
7:0
BERT_CNT[7:0]
R/U
‘h00
BERT error count. Lane 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com