Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 30Page - Texas Instruments TMDS171 Datasheet HTML 31Page - Texas Instruments TMDS171 Datasheet HTML 32Page - Texas Instruments TMDS171 Datasheet HTML 33Page - Texas Instruments TMDS171 Datasheet HTML 34Page - Texas Instruments TMDS171 Datasheet HTML 35Page - Texas Instruments TMDS171 Datasheet HTML 36Page - Texas Instruments TMDS171 Datasheet HTML 37Page - Texas Instruments TMDS171 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
34
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.6 CSR BIT Field Definitions – Misc Control (offset: 00001011) (reset: 00h)
Figure 34. CSR Bit Field Definitions – Misc Control (0Bh)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R
R
R/W/U
R/W/U
R/W
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 10. CSR Bit Field Definitions – Misc Control (0Bh)
Bit
Field
Type
Reset
Description
7:5
Reserved
R
2’b000
Reserved
4:3
TX_TERM_CTL
RWU
2’b00
Controls termination for HDMI TX; Writes are ignored when
I2C_EN/PIN = 0
00 – No termination
01 – 150 to 300 Ω
10 – Reserved.
11 – Reserved
2
DDC_DR_SEL
R/W
1’b0
Defines the DDC output speed for both DDC bridge and AUX-
DDC Bridge.
0 = 100 kbps (default)
1 = 400 kbps (Note: HPD_AUTO_PWRDWN_DISABLE must be
set before enabling 400 Kbps mode)
1:0
Reserved
R
2’b00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com