Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 17Page - Texas Instruments TMDS171 Datasheet HTML 18Page - Texas Instruments TMDS171 Datasheet HTML 19Page - Texas Instruments TMDS171 Datasheet HTML 20Page - Texas Instruments TMDS171 Datasheet HTML 21Page - Texas Instruments TMDS171 Datasheet HTML 22Page - Texas Instruments TMDS171 Datasheet HTML 23Page - Texas Instruments TMDS171 Datasheet HTML 24Page - Texas Instruments TMDS171 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
IN_CLKp
IN_CLKn
IN_D[2:0]p
IN_D[2:0]n
SIGNAL DETECT
50Q
50Q
50Q
50Q
Control Block, I2C Registers
Local I2C
Control
I2C_EN/PIN
EQ_SEL/A0
PRE_SEL
Data Registers
SWAP
PLL
PLL Control
SERDES
VBIAS
VBIAS
A0
A1
EQ_SEL
TEST
OUT_CLKp
OUT_D[2:0]p
OUT_CLKn
OUT_D[2:0]n
EQ
EQ
EQ_CTL
SDA_CTL
SCL_CTL
VSADJ
SWAP/POL
TX_TERM_CTL
OE
TEST/A1
TERM_SEL
PRE_SEL
Enable
TMDS
TMDS
SIG_EN
SIG_EN
SIG_EN
SIG_DET_OUT
SIG_DET_OUT
ACTIVE DDC BLOCK
HPD_SNK
HPD_SRC
130<Q
SDA_SRC
SCL_SRC
SDA_SNK
SCL_SNK
ARC Function
SPDIF_IN
ARC_OUT
GND
VDD
VCC
1.05V
3.3V
VREG
Copyright © 2016, Texas Instruments Incorporated
21
TMDS171, TMDS171I
www.ti.com
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Reset Implementation
When OE is de-asserted, control signal inputs are ignored; the HDMI inputs and outputs are high impedance. It
is critical to transition the OE from a low level to high after the VCC supply has reached the minimum
recommended operating voltage. This is achieved by a control signal to the OE input, or by an external capacitor
connected between OE and GND. To insure the TMDS171 is properly reset, the OE pin must be de-asserted for
at least 100 μs before being asserted. When OE is re-asserted the TMDS171 will have to be reprogrammed if it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com