Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 5 Page - Texas Instruments

  TMDS171 Datasheet HTML 1Page - Texas Instruments TMDS171 Datasheet HTML 2Page - Texas Instruments TMDS171 Datasheet HTML 3Page - Texas Instruments TMDS171 Datasheet HTML 4Page - Texas Instruments TMDS171 Datasheet HTML 5Page - Texas Instruments TMDS171 Datasheet HTML 6Page - Texas Instruments TMDS171 Datasheet HTML 7Page - Texas Instruments TMDS171 Datasheet HTML 8Page - Texas Instruments TMDS171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
TMDS171, TMDS171I
www.ti.com
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
(1) G = Ground, I = Input, O = Output, P = Power
(2)
(H) Logic High (Pin strapped to VCC through 65 kΩ resistor); (L) Logic Low (Pin strapped to GND through 65 kΩ resistor); (Mid-Level =
No connect)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
VCC
13, 43
P
3.3 V Power Supply
VDD
14, 23, 24, 37, 48
P
1.2 V Power Supply
GND
7, 19, 41, 30
G
Ground
Thermal Pad
G
Ground
MAIN LINK INPUT PINS (FAIL SAFE)
IN_D2p/n
2, 3
I
Channel 2 Differential Input
IN_D1p/n
5, 6
I
Channel 1 Differential Input
IN_D0p/n
8, 9
I
Channel 0 Differential Input
IN_CLKp/n
11, 12
I
Clock Differential Input
MAIN LINK OUTPUT PINS (FAIL SAFE)
OUT_D2n/p
34, 35
O
TMDS Data 2 Differential Output
OUT_D1n/p
31, 32
O
TMDS Data 1 Differential Output
OUT_D0n/p
28, 29
O
TMDS Data 0 Differential Output
OUT_CLKn/p
25, 26
O
TMDS Clock Differential Output
HOT PLUG DETECT PINS
HPD_SRC
4
O
Hot Plug Detect Output to source side
HPD_SNK
33
I
Hot Plug Detect Input from sink side
AUDIO RETURN CHANNEL and DDC PINS
SPDIF_IN
45
I
SPDIF signal input
ARC_OUT
44
O
Audio return channel output
SDA_SRC
47
I/O
Source Side TMDS Port Bidirectional DDC Data line
SCL_SRC
46
I/O
Source Side TMDS Port Bidirectional DDC Clock line
SDA_SNK,
39
I/O
Sink Side TMDS Port Bidirectional DDC Data Line
SCL_SNK
38
I/O
Sink Side TMDS Port Bidirectional DDC Clock Line
CONTROL PINS(2)
OE
42
I
Operation Enable/Reset Pin
OE = L: Power Down Mode
OE = H: Normal Operation
Internal weak pull up: Resets device when transitions from H to L
SIG_EN
17
I
Signal detector circuit enable
SIG_EN = L: Signal Detect Circuit Disabled: Term resistors always connected (Default)
SIG_EN = H: Signal Detect Circuit Enabled: When no valid clock device enters Standby
Mode.
Internal weak pull down
PRE_SEL
20
I
3-Level
De-emphasis Control when I2C_EN/PIN = Low.
PRE_SEL = L: -2 dB
PRE_SEL = No Connect: 0 dB
PRE_SEL = H: Reserved
When I2C_EN/PIN = High; De-emphasis is controlled through I2C
EQ_SEL/A0
21
I
Input Receive Equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5 dB
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL = H: Fixed at 14 dB
When I2C_EN/PIN = High Address Bit 1
Note: 3 level for pin strap programming but 2 level when I2C address
I2C_EN/PIN
10
I
I2C_EN/PIN = High; Puts Device into I2C Control Mode
I2C_EN/PIN = Low; Puts Device into Pin Strap Mode
SCL_CTL
15
I/O
I2C Clock Signal when I2C_EN/PIN = High.
Note: When I2C_EN = Low; Pin strapping takes priority and those functions cannot be
changed by I2C
SDA_CTL
16
I/O
I2C Data Signal when I2C_EN/PIN = High
Note: When I2C_EN = Low; Pin strapping takes priority and those functions cannot be
changed by I2C
VSadj
22
I
TMDS Output Voltage Swing Control; Nominal 7.06 kΩ Resistor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com