Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 37Page - Texas Instruments TMDS171 Datasheet HTML 38Page - Texas Instruments TMDS171 Datasheet HTML 39Page - Texas Instruments TMDS171 Datasheet HTML 40Page - Texas Instruments TMDS171 Datasheet HTML 41Page - Texas Instruments TMDS171 Datasheet HTML 42Page - Texas Instruments TMDS171 Datasheet HTML 43Page - Texas Instruments TMDS171 Datasheet HTML 44Page - Texas Instruments TMDS171 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
41
TMDS171, TMDS171I
www.ti.com
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.24 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00011101) (reset: 00h)
Figure 52. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (1Dh)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R
R
R
R/U
R/U
R/U
R/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 28. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (1Dh)
Bit
Field
Type
Reset
Description
7:4
Reserved
R
4’b0000
Reserved
3:0
BERT_CNT[35:32]
R/U
4’b0000
BERT error count. Lane 2
8.5.25 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00011110) (reset: 00h)
Figure 53. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (1Eh)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/U
R/U
R/U
R/U
R/U
R/U
R/U
R/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 29. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (1Eh)
Bit
Field
Type
Reset
Description
7:0
BERT_CNT[19:12]
R/U
’h00
BERT error count. Lane 3
8.5.26 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00011111) (reset: 00h)
Figure 54. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (1Fh)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R
R
R
R/U
R/U
R/U
R/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 30. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (1Fh)
Bit
Field
Type
Reset
Description
7:4
Reserved
R
4’b0000
Reserved
3:0
BERT_CNT[23:20]
R/U
4’b0000
BERT error count. Lane 3
8.5.27 CSR BIT Field Definitions – RX Pattern Verifier Control/Status (offset: 00100000) (reset: 00h)
Figure 55. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (20h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R
R
R/W
R/W
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 31. CSR BIT Field Definitions – RX Pattern Verifier Control/Status (20h)
Bit
Field
Type
Reset
Description
7
PWR_DWN_STATUS
R
1’b0
Power Down Status Bit.
0 = Normal Operation (default)
1 = Device in Power Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com