Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 3 Page - NXP Semiconductors

  LS1046A Datasheet HTML 1Page - NXP Semiconductors LS1046A Datasheet HTML 2Page - NXP Semiconductors LS1046A Datasheet HTML 3Page - NXP Semiconductors LS1046A Datasheet HTML 4Page - NXP Semiconductors LS1046A Datasheet HTML 5Page - NXP Semiconductors LS1046A Datasheet HTML 6Page - NXP Semiconductors LS1046A Datasheet HTML 7Page - NXP Semiconductors LS1046A Datasheet HTML 8Page - NXP Semiconductors LS1046A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 192 page
background image
1 Introduction
The LS1046A is a cost-effective, power-efficient, and highly integrated system-on-chip
(SoC) design that extends the reach of the NXP value-performance line of QorIQ
communications processors. Featuring power-efficient 64-bit Arm® Cortex®-A72 cores
with ECC-protected L1 and L2 cache memories for high reliability, running up to 1.8
GHz.
The LS1046A and LS1026A processors are perfectly suited for a range of embedded
applications such as enterprise routers and switches, linecard controllers, network
attached storage, security appliances, virtual customer premise equipment (vCPE),
service providers gateways, and single board computers.
This figure shows the block diagram of the chip.
Watchpoint
Cross
Trigger
Trust Zone
Power Management
IFC, QSPI, SPI
2x DUART
64-bit
DDR4
Memory Controller
Real Time Debug
Perf
Monitor
4x I2C, GPIO
2 MB L2 - Cache
Secure Boot
8x FlexTimer
Trace
4-Lane 10 GHz SerDes
SMMUs
3x USB3.0 w/PHY
SD/SDIO/eMMC
DMA
Core Complex
Accelerators and Memory Control
Basic Peripherals, Interconnect, and Debug
Networking Elements
4-Lane 10 GHz SerDes
Queue
Manager
Buffer
Manager
Parse, classify,
distribute
1G
Frame Manager
Security
Engine
(SEC)
DPAA Hardware
1/2.5/10G
1/2.5/10G
1G
32 KB
D-Cache
32 KB
I-Cache
32 KB
D-Cache
32 KB
I-Cache
32 KB
D-Cache
32 KB
I-Cache
32 KB
D-Cache
48 KB
I-Cache
1G
6x LPUART
1G
1/2.5G
CCI-400™ Coherency Fabric
Arm® Cortex®-A72
32-bit/64-bit Core
1G
Figure 1. LS1046A block diagram
Introduction
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com