Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 58Page - NXP Semiconductors LS1046A Datasheet HTML 59Page - NXP Semiconductors LS1046A Datasheet HTML 60Page - NXP Semiconductors LS1046A Datasheet HTML 61Page - NXP Semiconductors LS1046A Datasheet HTML 62Page - NXP Semiconductors LS1046A Datasheet HTML 63Page - NXP Semiconductors LS1046A Datasheet HTML 64Page - NXP Semiconductors LS1046A Datasheet HTML 65Page - NXP Semiconductors LS1046A Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 192 page
background image
Table 11. IO power supply estimated values (continued)
x32 2100 MT/s
data rate
518
mW
1, 7
x32 1600 MT/s
data rate
490
PCI Express
x1, 2.5 Gbaud
XVDD (1.35 V)
79
mW
1, 3
x2, 2.5 Gbaud
132
mW
x4, 2.5 Gbaud
237
mW
x1, 5 Gbaud
80
mW
x2, 5 Gbaud
133
mW
x4, 5 Gbaud
239
mW
x1, 8 Gbaud
81
mW
x2, 8 Gbaud
136
mW
x4, 8 Gbaud
245
mW
SGMII
x1, 1.25 Gbaud
XVDD (1.35 V)
77
mW
1, 3
x2, 1.25 Gbaud
127
mW
x3, 1.25 Gbaud
177
mW
x4, 1.25 Gbaud
227
mW
x1, 3.125 Gbaud
79
mW
x2, 3.125 Gbaud
132
mW
x3, 3.125 Gbaud
184
mW
QSGMII
x1, 5 Gbaud
XVDD (1.35 V)
80
mW
1, 3
XFI
x1, 10 Gbaud
XVDD (1.35 V)
81
mW
1, 3
x2, 10 Gbaud
136
mW
SATA (per port)
3.0 Gbaud
XVDD (1.35 V)
73
mW
1, 3
6.0 Gbaud
74
mW
USB1/USB2/USB3
(per PHY)
x1 Super speed
mode
USB_HVDD (3.3 V) 46
mW
1, 5
USB_SVDD (1 V)
37
mW
USB_SDVDD (1 V) 4
mW
USB1/USB2/USB3
(per PHY)
x1 High speed
mode
USB_HVDD (3.3 V) 79
mW
1, 5
USB_SVDD (1 V)
0.31
mW
USB_SDVDD (1 V) 4.9
mW
IFC
16-bit, 100 MHz
OVDD (1.8 V)
60
mW
1
DUART
.
DVDD (3.3 V)
18
mW
1
DVDD (1.8 V)
9
mW
I2C
.
DVDD (3.3 V)
17
mW
1
DVDD (1.8 V)
9
mW
SPI
.
OVDD (1.8 V)
8
mW
1, 9
eSDHC
.
EVDD (3.3 V)
19
mW
1, 9
.
EVDD (1.8V)
21
mW
System control
.
OVDD (1.8 V)
16
mW
1, 9
EC1
RGMII
LVDD (2.5 V)
24
mW
1, 9
Table continues on the next page...
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
62
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com