| Electronic Components Datasheet Search |
|
LS1046A Datasheet(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1046A Datasheet(HTML) 41 Page - NXP Semiconductors |
|
41 / 192 page ![]() Table 1. Pinout list by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes SD_GND21 Serdes core logic GND AC6 --- --- 23 SD_GND22 Serdes core logic GND AC8 --- --- 23 SD_GND23 Serdes core logic GND AC10 --- --- 23 SD_GND24 Serdes core logic GND AC11 --- --- 23 SD_GND25 Serdes core logic GND AC15 --- --- 23 SD_GND26 Serdes core logic GND AC16 --- --- 23 SD_GND27 Serdes core logic GND AC18 --- --- 23 SD_GND28 Serdes core logic GND AC19 --- --- 23 SD_GND29 Serdes core logic GND AD5 --- --- 23 SD_GND30 Serdes core logic GND AD7 --- --- 23 SD_GND31 Serdes core logic GND AD9 --- --- 23 SD_GND32 Serdes core logic GND AD12 --- --- 23 SD_GND33 Serdes core logic GND AD14 --- --- 23 SD_GND34 Serdes core logic GND AD17 --- --- 23 SD_GND35 Serdes core logic GND AD20 --- --- 23 SD_GND36 Serdes core logic GND AE5 --- --- 23 SD_GND37 Serdes core logic GND AE7 --- --- 23 SD_GND38 Serdes core logic GND AE9 --- --- 23 SD_GND39 Serdes core logic GND AE12 --- --- 23 SD_GND40 Serdes core logic GND AE14 --- --- 23 SD_GND41 Serdes core logic GND AE17 --- --- 23 SD_GND42 Serdes core logic GND AE20 --- --- 23 SD_GND43 Serdes core logic GND AF6 --- --- 23 SD_GND44 Serdes core logic GND AF7 --- --- 23 SD_GND45 Serdes core logic GND AF8 --- --- 23 SD_GND46 Serdes core logic GND AF9 --- --- 23 SD_GND47 Serdes core logic GND AF10 --- --- 23 SD_GND48 Serdes core logic GND AF11 --- --- 23 SD_GND49 Serdes core logic GND AF15 --- --- 23 SD_GND50 Serdes core logic GND AF16 --- --- 23 SD_GND51 Serdes core logic GND AF17 --- --- 23 SD_GND52 Serdes core logic GND AF18 --- --- 23 SD_GND53 Serdes core logic GND AF19 --- --- 23 SD_GND54 Serdes core logic GND AG5 --- --- 23 SD_GND55 Serdes core logic GND AG7 --- --- 23 SD_GND56 Serdes core logic GND AG9 --- --- 23 SD_GND57 Serdes core logic GND AG12 --- --- 23 SD_GND58 Serdes core logic GND AG14 --- --- 23 Table continues on the next page... Pin assignments QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018 NXP Semiconductors 41 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |