Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 67Page - NXP Semiconductors LS1046A Datasheet HTML 68Page - NXP Semiconductors LS1046A Datasheet HTML 69Page - NXP Semiconductors LS1046A Datasheet HTML 70Page - NXP Semiconductors LS1046A Datasheet HTML 71Page - NXP Semiconductors LS1046A Datasheet HTML 72Page - NXP Semiconductors LS1046A Datasheet HTML 73Page - NXP Semiconductors LS1046A Datasheet HTML 74Page - NXP Semiconductors LS1046A Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
3.8 RESET initialization
This table provides the AC timing specifications for the RESET initialization timing.
Table 24. RESET Initialization timing specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of PORESET_B after all power rails are stable 1
—
ms
1
Required input assertion time of HRESET_B
32
—
SYSCLKs
2, 3
Maximum rise/fall time of HRESET_B
—
10
SYSCLK
4
Maximum rise/fall time of PORESET_B
—
1
SYSCLK
4
Input setup time for POR configs (other than cfg_eng_use0) with
respect to negation of PORESET_B
4
—
SYSCLKs
2, 5
Input hold time for all POR configs with respect to negation of
PORESET_B
2
—
SYSCLKs
2
Maximum valid-to-high impedance time for actively driven POR
configs with respect to negation of PORESET_B
—
5
SYSCLKs
2
Notes:
1. PORESET_B must be driven asserted before the core and platform power supplies are powered up.
2. SYSCLK is the primary clock input for the chip.
3. The device asserts HRESET_B as an output when PORESET_B is asserted to initiate the power-on reset process. The
device releases HRESET_B sometime after PORESET_B is deasserted. The exact sequencing of HRESET_B deassertion is
documented in the reference manual's "Power-on Reset Sequence" section.
4. The system/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.
5. For proper clock selection, terminate cfg_eng_use0 with a pull up or pull down of 4.7 kΩ to ensure that the signal will have
a valid state as soon as the IO voltage reach its operating condition.
3.9 DDR4 SDRAM controller
This section describes the DC and AC electrical specifications for the DDR4 SDRAM
controller interface. Note that the required G1VDD(typ) voltage is 1.2 V when interfacing
to DDR4 SDRAM.
3.9.1 DDR4 SDRAM interface DC electrical characteristics
This table provides the recommended operating conditions for the DDR SDRAM
controller when interfacing to DDR4 SDRAM.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com