Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 76Page - NXP Semiconductors LS1046A Datasheet HTML 77Page - NXP Semiconductors LS1046A Datasheet HTML 78Page - NXP Semiconductors LS1046A Datasheet HTML 79Page - NXP Semiconductors LS1046A Datasheet HTML 80Page - NXP Semiconductors LS1046A Datasheet HTML 81Page - NXP Semiconductors LS1046A Datasheet HTML 82Page - NXP Semiconductors LS1046A Datasheet HTML 83Page - NXP Semiconductors LS1046A Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
Table 31. SGMII DC receiver electrical characteristics 4 (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Receiver differential input impedance
ZRX_DIFF
80
-
120
Ω
-
Notes:
1. Input must be externally AC coupled.
2. VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage.
3. The concept of this parameter is equivalent to the electrical idle detect threshold parameter in PCI Express. See PCI
Express DC physical layer receiver specifications, and PCI Express AC physical layer receiver specifications, for further
explanation.
4. For recommended operating conditions, see Table 4.
5. The REIDL_TH shown in the table refers to the chip's SRDSxLNmGCR1[REIDL_TH] bit field.
This table defines the SGMII 2.5G receiver DC electrical characteristics for 3.125
GBaud.
Table 32. SGMII 2.5G receiver DC timing specifications 1
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input differential voltage
VRX_DIFFp-p 200
-
1200
mV
-
Loss of signal threshold
VLOS
75
-
200
mV
-
Receiver differential input impedance
ZRX_DIFF
80
-
120
Ω
-
Notes:
1. For recommended operating conditions, see Table 4.
3.10.1.3 SGMII AC timing specifications
This section describes the AC timing specifications for the SGMII interface.
3.10.1.3.1 SGMII and SGMII 2.5G transmit AC timing specifications
This table provides the SGMII and SGMII 2.5G transmit AC timing specifications. A
source synchronous clock is not supported. The AC timing specifications do not include
RefClk jitter.
Table 33. SGMII transmit AC timing specifications4
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter
JD
-
-
0.17
UI p-p
-
Total jitter
JT
-
-
0.35
UI p-p
2
Unit Interval: 1.25 GBaud (SGMII)
UI
800 - 100 ppm 800
800 + 100 ppm ps
1
Unit Interval: 3.125 GBaud (2.5G SGMII]) UI
320 - 100 ppm 320
320 + 100 ppm ps
1
Table continues on the next page...
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
80
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com