Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 65Page - NXP Semiconductors LS1046A Datasheet HTML 66Page - NXP Semiconductors LS1046A Datasheet HTML 67Page - NXP Semiconductors LS1046A Datasheet HTML 68Page - NXP Semiconductors LS1046A Datasheet HTML 69Page - NXP Semiconductors LS1046A Datasheet HTML 70Page - NXP Semiconductors LS1046A Datasheet HTML 71Page - NXP Semiconductors LS1046A Datasheet HTML 72Page - NXP Semiconductors LS1046A Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
Table 21. DDRCLK AC timing specifications5
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
DDRCLK frequency
fDDRCLK
100.0
MHz
1, 2
DDRCLK cycle time
tDDRCLK
10.0
ns
1, 2
DDRCLK duty cycle
tKHK/tDDRCLK
40
—
60
%
2
DDRCLK slew rate
—
1
—
4
V/ns
3
DDRCLK peak period jitter
—
—
—
± 150
ps
—
DDRCLK jitter phase noise at -56 dBc —
—
—
500
kHz
4
AC Input Swing Limits at 1.8 V OVDD ΔVAC
1.08
—
1.8
V
—
Notes:
1.
Caution: The relevant clock ratio settings must be chosen such that the resulting DDRCLK frequencies do not exceed
their respective maximum or minimum operating frequencies.
2. Measured at the rising edge and/or the falling edge at OVDD/2.
3. Slew rate as measured from 0.35 x OVDD to 0.65 x OVDD.
4. Phase noise is calculated as FFT of TIE jitter.
5. At recommended operating conditions with OVDD = 1.8V. See Table 4.
3.7.6 Differential system clock (DIFF_SYSCLK/DIFF_SYSCLK_B)
timing specifications
Single Source clocking mode requires single onboard oscillator to provide reference
clock input to Differential System clock pair (DIFF_SYSCLK/DIFF_SYSCLK_B).
This Differential clock pair input provides clock to Core, Platform, DDR and USB PLL's
This figure shows a receiver reference diagram of the Differential System clock.
DIFF_SYSCLK
DIFF_SYSCLK_B
100 Ohm
LVDS
RX
Figure 10. LVDS receiver
This section provides the differential system clock DC and AC timing specifications.
3.7.6.1 Differential system clock DC electrical characteristics
The differential system clock receiver voltage requirements are as specified in the
Recommended operating conditions table.
The differential system clock can also be single-ended. For this, DIFF_SYSCLK_B
should be connected to OVDD/2.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com