Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 41Page - NXP Semiconductors LS1046A Datasheet HTML 42Page - NXP Semiconductors LS1046A Datasheet HTML 43Page - NXP Semiconductors LS1046A Datasheet HTML 44Page - NXP Semiconductors LS1046A Datasheet HTML 45Page - NXP Semiconductors LS1046A Datasheet HTML 46Page - NXP Semiconductors LS1046A Datasheet HTML 47Page - NXP Semiconductors LS1046A Datasheet HTML 48Page - NXP Semiconductors LS1046A Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
VDD48
Supply for cores and platform
V20
---
VDD
---
VDD49
Supply for cores and platform
W11
---
VDD
---
VDD50
Supply for cores and platform
W17
---
VDD
---
VDD51
Supply for cores and platform
W19
---
VDD
---
TA_BB_VDD
Battery Backed Security
Monitor supply
G12
---
TA_BB_VDD
---
AVDD_CGA1
CPU Cluster Group A PLL1
supply
H11
---
AVDD_CGA1
---
AVDD_CGA2
CPU Cluster Group A PLL2
supply
H10
---
AVDD_CGA2
---
AVDD_PLAT
Platform PLL supply
H9
---
AVDD_PLAT
---
AVDD_D1
DDR1 PLL supply
R21
---
AVDD_D1
---
AVDD_SD1_PLL1
SerDes1 PLL 1 supply
AA11
---
AVDD_SD1_PLL1
---
AVDD_SD1_PLL2
SerDes1 PLL 2 supply
AB6
---
AVDD_SD1_PLL2
---
AVDD_SD2_PLL1
SerDes2 PLL 1 supply
AB15
---
AVDD_SD2_PLL1
---
AVDD_SD2_PLL2
SerDes2 PLL 2 supply
AA16
---
AVDD_SD2_PLL2
---
SENSEVDD
Vdd Sense pin
G19
---
SENSEVDD
---
USB_HVDD1
3.3 V High Supply
K8
---
USB_HVDD
---
USB_HVDD2
3.3 V High Supply
L8
---
USB_HVDD
---
USB_SDVDD1
1.0 V Analog and digital HS
supply
M7
---
USB_SDVDD
---
USB_SDVDD2
1.0 V Analog and digital HS
supply
M8
---
USB_SDVDD
---
USB_SVDD1
1.0 V Analog and digital SS
supply
K7
---
USB_SVDD
---
USB_SVDD2
1.0 V Analog and digital SS
supply
L7
---
USB_SVDD
---
No Connection Pins
NC_AA10
No Connection
AA10
---
---
12
NC_AA15
No Connection
AA15
---
---
12
NC_AB10
No Connection
AB10
---
---
12
NC_AB11
No Connection
AB11
---
---
12
NC_AB16
No Connection
AB16
---
---
12
NC_F12
No Connection
F12
---
---
12
NC_K10
No Connection
K10
---
---
12
NC_K11
No Connection
K11
---
---
12
NC_K12
No Connection
K12
---
---
12
NC_K22
No Connection
K22
---
---
12
NC_K9
No Connection
K9
---
---
12
NC_L21
No Connection
L21
---
---
12
Table continues on the next page...
Pin assignments
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com