Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 42Page - NXP Semiconductors LS1046A Datasheet HTML 43Page - NXP Semiconductors LS1046A Datasheet HTML 44Page - NXP Semiconductors LS1046A Datasheet HTML 45Page - NXP Semiconductors LS1046A Datasheet HTML 46Page - NXP Semiconductors LS1046A Datasheet HTML 47Page - NXP Semiconductors LS1046A Datasheet HTML 48Page - NXP Semiconductors LS1046A Datasheet HTML 49Page - NXP Semiconductors LS1046A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 192 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
NC_L9
No Connection
L9
---
---
12
NC_M20
No Connection
M20
---
---
12
NC_N21
No Connection
N21
---
---
12
NC_P20
No Connection
P20
---
---
12
NC_P21
No Connection
P21
---
---
12
NC_P5
No Connection
P5
---
---
12
NC_P8
No Connection
P8
---
---
12
NC_R4
No Connection
R4
---
---
12
NC_T20
No Connection
T20
---
---
12
NC_T5
No Connection
T5
---
---
12
NC_T8
No Connection
T8
---
---
12
NC_U21
No Connection
U21
---
---
12
NC_U4
No Connection
U4
---
---
12
NC_U5
No Connection
U5
---
---
12
NC_V5
No Connection
V5
---
---
12
NC_V8
No Connection
V8
---
---
12
NC_W21
No Connection
W21
---
---
12
NC_W5
No Connection
W5
---
---
12
NC_W7
No Connection
W7
---
---
12
NC_W8
No Connection
W8
---
---
12
NC_W9
No Connection
W9
---
---
12
1. Functionally, this pin is an output or an input, but structurally it is an I/O because it
either sample configuration input during reset, is a muxed pin, or has other manufacturing
test functions. This pin will therefore be described as an I/O for boundary scan.
2. This output is actively driven during reset rather than being tri-stated during reset.
3. MDIC[0] is grounded through a 162 Ω precision 1% resistor and MDIC[1] is
connected to GVDD through a 162 Ω precision 1% resistor. For either full or half driver
strength calibration of DDR IOs, use the same MDIC resistor value of 162 Ω. The
memory controller register setting can be used to determine automatic calibration is done
to full or half drive strength. These pins are used for automatic calibration of the DDR4
IOs.
Pin assignments
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com