Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 45Page - NXP Semiconductors LS1046A Datasheet HTML 46Page - NXP Semiconductors LS1046A Datasheet HTML 47Page - NXP Semiconductors LS1046A Datasheet HTML 48Page - NXP Semiconductors LS1046A Datasheet HTML 49Page - NXP Semiconductors LS1046A Datasheet HTML 50Page - NXP Semiconductors LS1046A Datasheet HTML 51Page - NXP Semiconductors LS1046A Datasheet HTML 52Page - NXP Semiconductors LS1046A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
Table 2. Absolute maximum ratings1,5 (continued)
Characteristic
Symbol
Max Value
Unit
Notes
SFP Fuse Programming
TA_PROG_SFP
-0.3 to 1.98 V
—
Thermal Unit Monitor supply
TH_VDD
-0.3 to 1.98 V
—
Battery Backed Security Monitor supply
TA_BB_VDD
-0.3 to 1.08 V
—
IFC, SPI, IRQ[0:2], Tamper Detect, System Control,
SYSCLK, DDRCLK, RTC, EVT[0:4], DFT, JTAG,
DIFF_SYSCLK, CLK_OUT, QSPI, FTM[5:7],
eSDHC_DAT[4:7], eSDHC_CMD/DAT0_DIR,
eSDHC_DAT123_DIR, eSDHC_SYNC_IN/OUT,
SDHC_VS
OVDD
-0.3 to 1.98 V
—
DUART, I2C, IRQ[3:10], USB2/3_PWRFAULT,
USB2/3_DRVVBUS, EVT_B[5:8], LPUART[1:2],
LPUART4, FTM3_CH[1:7], FTM4_CH[1:5], FTM8,
eSDHC_CD/WP
DVDD
-0.3 to 3.63
-0.3 to 1.98
V
—
eSDHC_DAT[0:3], eSDHC_CMD, eSDHC_CLK,
FTM4_CH[6:7], LPUART[3:6]
EVDD
-0.3 to 3.63
-0.3 to 1.98
V
—
DDR4 DRAM I/O voltage
G1VDD
-0.3 to 1.32 V
—
Main power supply for internal circuitry of SerDes and
pad power supply for SerDes receivers
SVDD
-0.3 to 1.08 V
—
Pad power supply for SerDes transmitter
XVDD
-0.3 to 1.48 V
—
Ethernet interface, Ethernet management interface 1
(EMI1), 1588, IRQ11, FTM1, FTM2,
LVDD
-0.3 to 2.75
-0.3 to 1.98
V
—
Ethernet management interface 2 (EMI2), GPIO2
TVDD
-0.3 to 2.75
-0.3 to 1.98
-0.3 to 1.32
V
—
USB PHY Transceiver supply voltage
USB_HVDD
-0.3 to 3.63 V
-
USB_SDVDD
-0.3 to 1.08 V
3
USB_SVDD
-0.3 to 1.08 V
2
Storage temperature range
TSTG
-55 to 150
°C
--
Notes:
1. Functional operating conditions are given in Table 4. Absolute maximum ratings are stress ratings only, and functional
operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent
damage to the device.
2. Analog and Digital SS supply for USBPHY.
3. Analog and Digital HS supply for USBPHY.
4. Supply voltage specified at the voltage sense pin. Voltage input pins should be regulated to provide specified voltage at the
sense pin.
5. Exposing device to Absolute Maximum Ratings conditions for long periods of time may affect reliability or cause permanent
damage.
This table provides the absolute maximum ratings for input signal voltage levels.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com