Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 4 Page - NXP Semiconductors

  LS1046A Datasheet HTML 1Page - NXP Semiconductors LS1046A Datasheet HTML 2Page - NXP Semiconductors LS1046A Datasheet HTML 3Page - NXP Semiconductors LS1046A Datasheet HTML 4Page - NXP Semiconductors LS1046A Datasheet HTML 5Page - NXP Semiconductors LS1046A Datasheet HTML 6Page - NXP Semiconductors LS1046A Datasheet HTML 7Page - NXP Semiconductors LS1046A Datasheet HTML 8Page - NXP Semiconductors LS1046A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 192 page
background image
Watchpoint
Cross
Trigger
Trust Zone
Power Management
IFC, QSPI, SPI
2x DUART
64-bit
DDR4
Memory Controller
Real Time Debug
Perf
Monitor
4x I2C, GPIO
2 MB L2 - Cache
Secure Boot
8x FlexTimer
Trace
4-Lane 10 GHz SerDes
SMMUs
3x USB3.0 w/PHY
SD/SDIO/eMMC
DMA
Core Complex
Accelerators and Memory Control
Basic Peripherals, Interconnect, and Debug
Networking Elements
4-Lane 10 GHz SerDes
Queue
Manager
Buffer
Manager
Parse, classify,
distribute
1G
Frame Manager
Security
Engine
(SEC)
DPAA Hardware
1/2.5/10G
1/2.5/10G
1G
32 KB
D-Cache
32 KB
I-Cache
32 KB
D-Cache
32 KB
I-Cache
32 KB
D-Cache
32 KB
I-Cache
32 KB
D-Cache
48 KB
I-Cache
1G
6x LPUART
1G
1/2.5G
CCI-400™ Coherency Fabric
Arm® Cortex®-A72
32-bit/64-bit Core
1G
Figure 2. LS1026A block diagram
2 Pin assignments
2.1 780 BGA ball layout diagrams
This figure shows the complete view of the LS1046A BGA ball map diagram. Figure 4,
Figure 5, Figure 6, and Figure 7 show quadrant views.
Pin assignments
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
4
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com