Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 55Page - NXP Semiconductors LS1046A Datasheet HTML 56Page - NXP Semiconductors LS1046A Datasheet HTML 57Page - NXP Semiconductors LS1046A Datasheet HTML 58Page - NXP Semiconductors LS1046A Datasheet HTML 59Page - NXP Semiconductors LS1046A Datasheet HTML 60Page - NXP Semiconductors LS1046A Datasheet HTML 61Page - NXP Semiconductors LS1046A Datasheet HTML 62Page - NXP Semiconductors LS1046A Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
3.4 Power characteristics
This table provides the power dissipations of the VDD supply and SerDes supply (SVDD)
for various operating platform clock frequencies versus the core and DDR clock
frequencies.
Table 8. LS1046A core power dissipation
Core
freque
ncy
(MHz)
Platform/
FMan
frequency
(MHz)
DDR
frequen
cy
(MHz)
VDD (V)
SVDD
(V)
Junction
temperatu
re (ºC)
Power
mode
Power (W)
Total Core
and
platform
power
(W)1
Notes
VDD
SVDD8
1800
700/800
2100
1.0
1.0
65
Typical
8.5
0.9
9.4
2, 3
85
Thermal
11.4
0.9
12.3
4, 7
Maximum 14.3
0.9
15.2
5, 6, 7
105
Thermal
14.4
0.9
15.3
4, 7
Maximum 17.3
0.9
18.2
5, 6, 7
1600
700/800
2100
1.0
1.0
65
Typical
7.7
0.9
8.7
2, 3
85
Thermal
10.7
0.9
11.6
4, 7
Maximum 13.2
0.9
14.2
5, 6, 7
105
Thermal
13.7
0.9
14.6
4, 7
Maximum 16.3
0.9
17.2
5, 6, 7
1400
600/600
2100
1.0
1.0
65
Typical
7.3
0.9
8.2
2, 3
85
Thermal
8.7
0.9
9.6
4, 7
Maximum 11.1
0.9
12.0
5, 6, 7
105
Thermal
10.5
0.9
11.5
4, 7
Maximum 12.9
0.9
13.8
5, 6, 7
1200
400/600
1600
0.9
0.9
65
Typical
4.9
0.7
5.6
2, 3
85
Thermal
5.9
0.7
6.6
4, 7
Maximum 7.4
0.7
8.2
5, 6, 7
105
Thermal
7.2
0.7
8.0
4, 7
Maximum 8.8
0.7
9.5
5, 6, 7
1. Combined power of VDD and SVDD with DDR controller and all SerDes banks active. Does not include I/O power.
2. Typical power assumes Dhrystone running with activity factor of 70% (on all cores) and executing DMA on the platform
with 100% activity factor.
3. Typical power based on nominal, processed device.
4. Thermal power assumes Dhrystone running with activity factor of 70% (on all cores) and executing DMA on the
platform at 100% activity factor.
5. Maximum power assumes Dhrystone running with activity factor at 100% (on all cores) and executing DMA on the
platform at 115% activity factor.
6. Maximum power is provided for power supply design sizing.
7. Thermal and maximum power are based on worst case processed device.
8. Total SVDD Power conditions:
a. SerDes 1 : XFI x2, 10 Gbaud
b. SerDes 1 : SGMII x2, 1.25 Gbaud
c. SerDes 2 : PEX x2, 5 Gbaud
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com