Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 60Page - NXP Semiconductors LS1046A Datasheet HTML 61Page - NXP Semiconductors LS1046A Datasheet HTML 62Page - NXP Semiconductors LS1046A Datasheet HTML 63Page - NXP Semiconductors LS1046A Datasheet HTML 64Page - NXP Semiconductors LS1046A Datasheet HTML 65Page - NXP Semiconductors LS1046A Datasheet HTML 66Page - NXP Semiconductors LS1046A Datasheet HTML 67Page - NXP Semiconductors LS1046A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 192 page
background image
Table 11. IO power supply estimated values
7. Typical DDR4 power numbers are based on single Rank DIMM with 40% utilization.
9. Assuming 15 pF total capacitance load per pin.
Table 12. TA_BB_VDD power dissipation
Supply
Maximum
Unit
Notes
TA_BB_VDD (SoC off, 40°C)
40
μW
1
TA_BB_VDD (SoC off, 70°C)
55
μW
1
Note: 1. When SoC is off, TA_BB_VDD may be supplied by battery power to retain the Zeroizable Master Key and other trust
architecture state. Board should implement a PMIC, which switches TA_BB_VDD to battery when SoC is powered down. See
the Device reference manual trust architecture chapter for more information.
3.6 Power-on ramp rate
This section describes the AC electrical specifications for the power-on ramp rate
requirements. Controlling the maximum power-on ramp rate is required to avoid excess
in-rush current.
This table provides the power supply ramp rate specifications.
Table 13. Power supply ramp rate
Parameter
Min
Max
Unit
Notes
Required ramp rate for all voltage supplies (including OVDD/DVDD/G1VDD/
SVDD/XVDD/LVDD/EVDD/TVDD all core and platform VDD supplies,
TA_PROG_SFP, and all AVDD supplies.)
—
25
V/ms
1, 2
Required ramp rate for TA_PROG_SFP
---
25
V/ms
1,2
Required ramp rate for USB_HVDD
---
26.7
V/ms
1,2
Notes:
1. Ramp rate is specified as a linear ramp from 10% to 90%. If non-linear (for example, exponential), the maximum rate of
change from 200 mV to 500 mV is the most critical as this range might falsely trigger the ESD circuitry.
2. Over full recommended operating temperature range. See Table 4.
3.7 Input clocks
3.7.1 System clock (SYSCLK)
This section describes the system clock DC electrical characteristics and AC timing
specifications.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
64
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com