Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 59Page - NXP Semiconductors LS1046A Datasheet HTML 60Page - NXP Semiconductors LS1046A Datasheet HTML 61Page - NXP Semiconductors LS1046A Datasheet HTML 62Page - NXP Semiconductors LS1046A Datasheet HTML 63Page - NXP Semiconductors LS1046A Datasheet HTML 64Page - NXP Semiconductors LS1046A Datasheet HTML 65Page - NXP Semiconductors LS1046A Datasheet HTML 66Page - NXP Semiconductors LS1046A Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 192 page
background image
Table 11. IO power supply estimated values (continued)
LVDD (1.8 V)
17
mW
EC2
RGMII
LVDD (2.5 V)
24
mW
LVDD (1.8 V)
17
mW
QSPI
.
OVDD (1.8V)
17
mW
1, 9
IEEE1588
.
LVDD (2.5 V)
14
mW
1, 9
LVDD (1.8 V)
10
mW
JTAG + DFT
.
OVDD (1.8V)
10
mW
1, 9
GPIO
x8
3.3 V
5
mW
1, 4, 9
2.5 V
4
mW
1.8 V
3
mW
PLL core and
system (per PLL)
.
AVDD_CGA1,
AVDD_CGA2,
AVDD_PLAT (1.8
V)
30
mW
1, 9
PLL DDR
.
AVDD_D1 (1.8 V)
30
mW
1, 9
PLL SerDes
.
AVDD_SD1_PLL1,
AVDD_SD1_PLL2,
AVDD_SD2_PLL1,
AVDD_SD2_PLL2
(1.35 V)
100
mW
1, 9
Interrupts (IRQ)
.
OVDD (1.8 V)
4
mW
1
DVDD (1.8 V)
9
mW
DVDD (3.3 V)
18
mW
LVDD (2.5 V)
2
mW
LVDD (1.8 V)
1
mW
Ethernet
management
interface 1
.
LVDD (2.5 V)
3
mW
1
LVDD (1.8 V)
2
mW
Ethernet
management
interface 2
.
TVDD (2.5 V)
3
mW
1
TVDD (1.8 V)
2
mW
TVDD (1.2 V)
2
mW
TA_PROG_SFP
.
TA_PROG_SFP
(1.8 V)
173
mW
6
TH_VDD
.
TH_VDD (1.8 V)
18
mW
1. The typical values are estimates and based on simulations at nominal recommended voltage for the I/O power supply and
assuming 105°C junction temperature.
2. Typical DDR4 power numbers are based on two Rank DIMM with 40% utilization.
3. The total power numbers of XVDD is dependent on customer application use case. This table lists all the SerDes
configurations possible for the device. To get the X1VDD power numbers, the user should add the combined lanes to match
to the total SerDes Lanes used, not simply multiply the power numbers by the number of lanes.
4. GPIOs are supported on OVDD, LVDD, DVDD, TVDD and EVDD power rails.
5. USB power supply pins are shared between three USB controllers.
6. The maximum power requirement is during programming. No active power beyond leakage levels should be drawn and the
supply must be grounded when not programming.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com