Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 64Page - NXP Semiconductors LS1046A Datasheet HTML 65Page - NXP Semiconductors LS1046A Datasheet HTML 66Page - NXP Semiconductors LS1046A Datasheet HTML 67Page - NXP Semiconductors LS1046A Datasheet HTML 68Page - NXP Semiconductors LS1046A Datasheet HTML 69Page - NXP Semiconductors LS1046A Datasheet HTML 70Page - NXP Semiconductors LS1046A Datasheet HTML 71Page - NXP Semiconductors LS1046A Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
This table provides the Ethernet gigabit reference clock AC timing specifications.
Table 19. ECn_GTX_CLK125 AC timing specifications 1
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
ECn_GTX_CLK125 frequency
fG125
125 - 100 ppm 125
125 + 100 ppm MHz
—
ECn_GTX_CLK125 cycle time
tG125
--
8
--
ns
—
ECn_GTX_CLK125 rise and fall time
tG125R/tG125F
—
—
0.75
ns
2
ECn_GTX_CLK125 duty cycle
1000Base-T for RGMII
tG125H/tG125
40
—
60
%
3
ECn_GTX_CLK125 jitter
—
—
—
± 150
ps
3
Notes:
1. At recommended operating conditions with LVDD = 1.8 V ± 90mV / 2.5 V ± 125 mV. See Table 4.
2. Rise times are measured from 20% of LVDD to 80% of LVDD. Fall times are measured from 80% of LVDD to 20% of LVDD.
3. ECn_GTX_CLK125 is used to generate the GTX clock for the Ethernet transmitter. See RGMII AC timing specifications for
duty cycle for the 10Base-T and 100Base-T reference clocks.
3.7.5 DDR clock (DDRCLK)
This section provides the DDRCLK DC electrical characteristics and AC timing
specifications.
3.7.5.1 DDRCLK DC electrical characteristics
This table provides the DDRCLK DC electrical characteristics.
Table 20. DDRCLK DC electrical characteristics3
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input high voltage
VIH
0.7 x OVDD
—
—
V
1
Input low voltage
VIL
—
—
0.3 x OVDD
V
1
Input capacitance
CIN
—
7
12
pF
—
Input current (VIN= 0V or VIN = OVDD) IIN
—
—
± 50
μA
2
Notes:
1. The min VIL and max VIH values are based on the respective min and max OVIN values found in Table 4.
2. The symbol OVIN, in this case, represents the OVIN symbol referenced in Table 4.
3. At recommended operating conditions with OVDD = 1.8 V. See Table 4.
3.7.5.2 DDRCLK AC timing specifications
This table provides the DDRCLK AC timing specifications.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
68
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com