Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 43Page - NXP Semiconductors LS1046A Datasheet HTML 44Page - NXP Semiconductors LS1046A Datasheet HTML 45Page - NXP Semiconductors LS1046A Datasheet HTML 46Page - NXP Semiconductors LS1046A Datasheet HTML 47Page - NXP Semiconductors LS1046A Datasheet HTML 48Page - NXP Semiconductors LS1046A Datasheet HTML 49Page - NXP Semiconductors LS1046A Datasheet HTML 50Page - NXP Semiconductors LS1046A Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 192 page
background image
4. This pin is a reset configuration pin. It has a weak (~20 kΩ) internal pull-up P-FET that
is enabled only when the processor is in its reset state. This pull-up is designed such that
it can be overpowered by an external 4.7 kΩ resistor. However, if the signal is intended to
be high after reset, and if there is any device on the net that might pull down the value of
the net at reset, a pull-up or active driver is needed.
5. Pin must NOT be pulled down during power-on reset. This pin may be pulled up,
driven high, or if there are any externally connected devices, left in tristate. If this pin is
connected to a device that pulls down during reset, an external pull-up is required to drive
this pin to a safe state during reset.
6. Recommend that a weak pull-up resistor (2-10 kΩ) be placed on this pin to the
respective power supply.
7. This pin is an open-drain signal.
8. Recommend that a weak pull-up resistor (1 kΩ) be placed on this pin to the respective
power supply.
9. This pin has a weak (~20 kΩ) internal pull-up P-FET that is always enabled.
10. These are test signals for factory use only and must be pulled up (100Ω to 1-kΩ) to
the respective power supply for normal operation.
11. This pin requires a 200Ω ± 1% pull-up to respective power-supply.
12. Do not connect. These pins should be left floating.
14. This pin requires an external 1-kΩ pull-down resistor to prevent PHY from seeing a
valid Transmit Enable before it is actively driven.
15. These pins must be pulled to ground (GND).
16. This pin requires a 698Ω ± 1% pull-up to respective power-supply.
17. These pins should be tied to ground if the diode is not utilized for temperature
monitoring.
18. This pin should be grounded through a 200Ω +/-1% 100ppm/°C precision resistor.
19. This pin must be pulled to OVDD through a 100-Ω to 1kΩ resistor for a four core
LS1046A device and tied to ground for a two core LS1026A device.
20. In normal operation, this pin must be pulled high to OVDD with 4.7 kΩ.
21. DIFF_SYSCLK and DIFF_SYSCLK_B is tied to cfg_eng_use0, the configuration is
described in section "Reset configuration word (RCW)" of QorIQ LS1046A Reference
Manual
.
Pin assignments
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com