Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 92 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 88Page - NXP Semiconductors LS1046A Datasheet HTML 89Page - NXP Semiconductors LS1046A Datasheet HTML 90Page - NXP Semiconductors LS1046A Datasheet HTML 91Page - NXP Semiconductors LS1046A Datasheet HTML 92Page - NXP Semiconductors LS1046A Datasheet HTML 93Page - NXP Semiconductors LS1046A Datasheet HTML 94Page - NXP Semiconductors LS1046A Datasheet HTML 95Page - NXP Semiconductors LS1046A Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 192 page
background image
3.10.5.2.1 1000Base-KX Transmitter AC Specifications
This table provides the 1000Base-KX transmitter AC specification.
Table 49. 1000Base-KX Transmitter AC Specifications
Parameter
Symbols
Min
Typical
Max
Units
Notes
Baud Rate
TBAUD
1.25-100ppm
1.25
1.25+100pp
m
Gb/s
-
Uncorrelated High
Probability Jitter/
Random Jitter
TUHPJTRJ
-
-
0.15
UI p-p
-
Deterministic Jitter
TDJ
-
-
0.10
UI p-p
-
Total Jitter
TTJ
-
-
0.25
UI p-p
1
Notes:
1. Total jitter is specified at a BER of 10-12.
2. For recommended operating conditions, see Table 4.
3.10.5.2.2 1000Base-KX Receiver AC Specifications
This table provides the 1000Base-KX receiver AC specification with parameters guided
by IEEE Std 802.3ap-2007.
Table 50. 1000Base-KX Receiver AC Specifications
Parameter
Symbols
Min
Typical
Max
Units
Notes
Receiver Baud Rate TBAUD
1.25-100ppm
1.25
1.25+100pp
m
Gb/s
-
Random Jitter
RRJ
-
-
0.15
UI p-p
1
Sinusoidal Jitter,
maximum
RSJ-max
-
-
0.10
UI p-p
2
Total Jitter
RTJ
-
-
See Note 3 UI p-p
2
Notes:
1. Random jitter is specified at a BER of 10-12.
2. The receiver interference tolerance level of this parameter shall be measured as described in Annex 69A of the IEEE Std
802.3ap-2007.
3. Per IEEE 802.3ap-clause 70.
4. The AC specifications do not include Refclk jitter.
5. For recommended operating conditions, see Table 4.
3.10.6 RGMII electrical specifications
This section describes the electrical characteristics for the RGMII interface.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
92
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com