Electronic Components Datasheet Search
  English  ▼

X  

LS1046A Datasheet(PDF) 77 Page - NXP Semiconductors

Part # LS1046A
Description  QorIQ LS1046A, LS1026A
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1046A Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button LS1046A Datasheet HTML 73Page - NXP Semiconductors LS1046A Datasheet HTML 74Page - NXP Semiconductors LS1046A Datasheet HTML 75Page - NXP Semiconductors LS1046A Datasheet HTML 76Page - NXP Semiconductors LS1046A Datasheet HTML 77Page - NXP Semiconductors LS1046A Datasheet HTML 78Page - NXP Semiconductors LS1046A Datasheet HTML 79Page - NXP Semiconductors LS1046A Datasheet HTML 80Page - NXP Semiconductors LS1046A Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 192 page
background image
3.10.1.1 SGMII clocking requirements for SDn_REF_CLK1_P and
SDn_REF_CLK1_N
When operating in SGMII mode, the ECn_GTX_CLK125 clock is not required for this
port. Instead, a SerDes reference clock is required on SDn_REF_CLK[1:2]_P and
SDn_REF_CLK[1:2]_N pins. SerDes lanes may be used for SerDes SGMII
configurations based on the RCW Configuration field SRDS_PRTCL.
For more information on these specifications, see SerDes reference clocks.
3.10.1.2 SGMII DC electrical characteristics
This section describes the electrical characteristics for the SGMII interface.
3.10.1.2.1 SGMII and SGMII 2.5G transmit DC specifications
This table describes the SGMII SerDes transmitter AC-coupled DC electrical
characteristics. Transmitter DC characteristics are measured at the transmitter outputs
(SDn_TXn_P and SDn_TXn_N) as shown in Figure 15.
Table 29. SGMII DC transmitter electrical characteristics (XnVDD = 1.35 V)4
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output high voltage
VOH
-
-
1.5 x
│VOD│-max mV
1
Output low voltage
VOL
│VOD│-min/2
-
-
mV
1
Output differential voltage2, 3,
5
(XVDD-Typ at 1.35 V)
│VOD│
320
500.0
725.0
mV
TECR0[AMP_RED]=0b00
0000
293.8
459.0
665.6
TECR0[AMP_RED]=0b00
0001
266.9
417.0
604.7
TECR0[AMP_RED]=0b00
0011
240.6
376.0
545.2
TECR0[AMP_RED]=0b00
0010
213.1
333.0
482.9
TECR0[AMP_RED]=0b00
0110
186.9
292.0
423.4
TECR0[AMP_RED]=0b00
0111
160.0
250.0
362.5
TECR0[AMP_RED]=0b01
0000
Output impedance
(differential)
RO
80
100
120
Ω
-
Notes:
1. This does not align to DC-coupled SGMII.
2.
│VOD│ = │VSD_TXn_P - VSD_TXn_N│. │VOD│ is also referred to as output differential peak voltage. VTX-DIFFp-p = 2 x │VOD│.
3. The
│VOD│ value shown in the Typ column is based on the condition of XVDD_SRDSn-Typ = 1.35 V, no common mode
offset variation. SerDes transmitter is terminated with 100-Ω differential load between SDn _TXn_P and SDn_TXn_N.
Electrical characteristics
QorIQ LS1046A, LS1026A Data Sheet, Rev. 1, 03/2018
NXP Semiconductors
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com