Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 33 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT3757 Datasheet HTML 29Page - Analog Devices LT3757 Datasheet HTML 30Page - Analog Devices LT3757 Datasheet HTML 31Page - Analog Devices LT3757 Datasheet HTML 32Page - Analog Devices LT3757 Datasheet HTML 33Page - Analog Devices LT3757 Datasheet HTML 34Page - Analog Devices LT3757 Datasheet HTML 35Page - Analog Devices LT3757 Datasheet HTML 36Page - Analog Devices LT3757 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LT3757/LT3757A
33
Rev. G
For more information www.analog.com
TYPICAL APPLICATIONS
5.5V to 36V Input, 12V/2A Output SEPIC Converter
Efficiency vs Output Current
Load Step Waveforms
Start-Up Waveforms
Frequency Foldback Waveforms When Output Short-Circuits
SENSE
LT3757A
VIN
VIN
5.5V TO 36V
CIN1
4.7µF
50V
×2
CDC
4.7µF
50V, X5R, ×2
4.7µF
10V
X5R
VOUT
12V
2A
0.01
1W
M1
41.2k
300kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
CIN2
4.7µF
50V
×2
•
•
105k
46.4k
0.1µF
6.8nF
10k
L1A
L1B
IL1B
D1
CIN1, CDC: TAIYO YUDEN UMK316BJ475KL
CIN2: KEMET T495X475K050AS
COUT1: KEMET T495X476K020AS
COUT2: TAIYO YUDEN TMK432BJ106MM
D1: ON SEMI MBRS360T3G
L1A, L1B: COILTRONICS DRQ127-4R7 (*COUPLED INDUCTORS)
M1: VISHAY SILICONIX Si7460DP
3757 TA08a
105k
1%
15.8k
1%
COUT1
47µF
20V
×4
COUT2
10µF
25V
X5R
+
VSW
IL1A
VC
+
2ms/DIV
VOUT
5V/DIV
IL1A + IL1B
5A/DIV
3757 TA08d
VIN = 12V
50µs/DIV
VOUT
10V/DIV
VSW
20V/DIV
IL1A + IL1B
5A/DIV
3757 TA08e
VIN = 12V
OUTPUT CURRENT (A)
0.001
20
30
40
50
60
70
80
90
100
0.01
0.1
1
3757 TA08b
10
VIN = 16V
VIN = 8V
500µs/DIV
VOUT
2V/DIV
AC-COUPLED
IOUT
2A/DIV 0A
2A
3757 TA08c
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com