Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LT3757/LT3757A
8
Rev. G
For more information www.analog.com
BLOCK DIAGRAM
Figure 1. LT3757 Block Diagram Working as a SEPIC Converter
L1
R1
R3
R4
M1
R2
L2
FBX
1.22V
2.5V
D1
CDC
CIN
VOUT
COUT2
COUT1
CVCC
INTVCC
VIN
RSENSE
VISENSE
•
+
+
VIN
IS1
2µA
10
8
7
1
9
SHDN/UVLO
INTERNAL
REGULATOR
AND UVLO
TSD
165˚C
A10
Q3
VC
VC
17.5V
2.7V UP
2.6V DOWN
A8
UVLO
IS2
10µA
IS3
CC1
CC2 RC
DRIVER
SLOPE
SENSE
GND
GATE
108mV
SR1
+
–
+
–
CURRENT
LIMIT
RAMP
GENERATOR
7.2V LDO
R
O
S
2.5V
G1
RT
RT
SS
CSS
SYNC
1.25V
1.25V
FBX
FBX
1.6V
–0.8V
+
–
2
3
5
4
+
–
+
–
+
–
6
11
RAMP
PWM
COMPARATOR
FREQUENCY
FOLDBACK
100kHz-1MHz
OSCILLATOR
FREQ
FOLDBACK
FREQ
PROG
3757 F01
–
+
+
Q1
A1
A2
1.72V
–0.88V
+
–
+
–
A11
A12
A3
A4
A6
G2
G5
G6
A7
A9
Q2
D2
R5
8k
D3
G4
G3
+
–
A5
PIN FUNCTIONS
2µA pull-down current. An undervoltage condition resets
sort-start. Tie to 0.4V, or less, to disable the device and
reduce VIN quiescent current below 1µA.
VIN (Pin 10): Input Supply Pin. Must be locally bypassed
with a 0.22µF, or larger, capacitor placed close to the pin.
Exposed Pad (Pin 11): Ground. This pin also serves as
the negative terminal of the current sense resistor. The
Exposed Pad must be soldered directly to the local ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com