Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LT3757/LT3757A
14
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Due to the current limit function of the SENSE pin,
RSENSE should be selected to guarantee that the peak
current sense voltage VSENSE(PEAK) during steady state
normal operation is lower than the SENSE current limit
threshold (see the Electrical Characteristics table). Given
a 20% margin, VSENSE(PEAK) is set to be 80mV. Then,
the maximum switch ripple current percentage can be
calculated using the following equation:
χ =
ΔVSENSE
80mV
− 0.5 • ΔVSENSE
c is used in subsequent design examples to calculate
inductor value. ∆VSENSE is the ripple voltage across
RSENSE.
The LT3757 switching controller incorporates 100ns tim-
ing interval to blank the ringing on the current sense signal
immediately after M1 is turned on. This ringing is caused
by the parasitic inductance and capacitance of the PCB
trace, the sense resistor, the diode, and the MOSFET. The
100ns timing interval is adequate for most of the LT3757
applications. In the applications that have very large and
long ringing on the current sense signal, a small RC filter
can be added to filter out the excess ringing. Figure 5
shows the RC filter on SENSE pin. It is usually suffi-
cient to choose 22Ω for RFLT and 2.2nF to 10nF for CFLT.
Keep RFLT’s resistance low. Remember that there is 65µA
(typical) flowing out of the SENSE pin. Adding RFLT will
affect the SENSE current limit threshold:
VSENSE_ILIM = 108mV – 65µA • RFLT
APPLICATION CIRCUITS
The LT3757 can be configured as different topologies. The
first topology to be analyzed will be the boost converter,
followed by the flyback, SEPIC and inverting converters.
Boost Converter: Switch Duty Cycle and Frequency
The LT3757 can be configured as a boost converter for
the applications where the converter output voltage is
higher than the input voltage. Remember that boost con-
verters are not short-circuit protected. Under a shorted
output condition, the inductor current is limited only by
the input supply capability. For applications requiring a
step-up converter that is short-circuit protected, please
refer to the Applications Information section covering
SEPIC converters.
The conversion ratio as a function of duty cycle is
VOUT
VIN
=
1
1– D
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT – VIN(MIN)
VOUT
Discontinuous conduction mode (DCM) provides higher
conversion ratios at a given frequency at the cost of
reduced efficiencies and higher switching currents.
Figure 5. The RC Filter on SENSE Pin
CFLT
3757 F05
LT3757
RFLT
RSENSE
M1
SENSE
GATE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com