Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LT3757/LT3757A
7
Rev. G
For more information www.analog.com
PIN FUNCTIONS
VC (Pin 1): Error Amplifier Compensation Pin. Used to
stabilize the voltage loop with an external RC network.
FBX (Pin 2): Positive and Negative Feedback Pin. Receives
the feedback voltage from the external resistor divider
across the output. Also modulates the frequency during
start-up and fault conditions when FBX is close to GND.
SS (Pin 3): Soft-Start Pin. This pin modulates compensa-
tion pin voltage (VC) clamp. The soft-start interval is set
with an external capacitor. The pin has a 10µA (typical)
pull-up current source to an internal 2.5V rail. The soft-
start pin is reset to GND by an undervoltage condition
at SHDN/UVLO, an INTVCC undervoltage or overvoltage
condition or an internal thermal lockout.
RT (Pin 4): Switching Frequency Adjustment Pin. Set the
frequency using a resistor to GND. Do not leave this pin
open.
SYNC (Pin 5): Frequency Synchronization Pin. Used to
synchronize the switching frequency to an outside clock.
If this feature is used, an RT resistor should be chosen
to program a switching frequency 20% slower than the
SYNC pulse frequency. Tie the SYNC pin to GND if this
feature is not used. SYNC is ignored when FBX is close
to GND.
SENSE (Pin 6): The Current Sense Input for the Control
Loop. Kelvin connect this pin to the positive terminal of
the switch current sense resistor in the source of the
N-channel MOSFET. The negative terminal of the current
sense resistor should be connected to GND plane close
to the IC.
GATE (Pin 7): N-Channel MOSFET Gate Driver Output.
Switches between INTVCC and GND. Driven to GND when
IC is shut down, during thermal lockout or when INTVCC
is above or below the OV or UV thresholds, respectively.
INTVCC (Pin 8): Regulated Supply for Internal Loads and
Gate Driver. Supplied from VIN and regulated to 7.2V (typi-
cal). INTVCC must be bypassed with a minimum of 4.7µF
capacitor placed close to pin. INTVCC can be connected
directly to VIN, if VIN is less than 17.5V. INTVCC can also
be connected to a power supply whose voltage is higher
than 7.5V, and lower than VIN, provided that supply does
not exceed 17.5V.
SHDN/UVLO (Pin 9): Shutdown and Undervoltage Detect
Pin. An accurate 1.22V (nominal) falling threshold with
externally programmable hysteresis detects when power
is okay to enable switching. Rising hysteresis is generated
by the external resistor divider and an accurate internal
TYPICAL PERFORMANCE CHARACTERISTICS
Gate Drive Rise
and Fall Time vs INTVCC
Typical Start-Up Waveforms
TA = 25°C, unless otherwise noted.
FBX Frequency Foldback
Waveforms During Overcurrent
INTVCC (V)
3
20
25
15
10
9
6
12
15
5
0
30
3757 G19
CL = 3300pF
RISE TIME
FALL TIME
2ms/DIV
VOUT
5V/DIV
IL1A + IL1B
5A/DIV
3757 G20
VIN = 12V
PAGE 31 CIRCUIT
50µs/DIV
PAGE 31 CIRCUIT
VOUT
10V/DIV
VSW
20V/DIV
IL1A + IL1B
5A/DIV
3757 G21
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com