Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LT3757/LT3757A
10
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC Regulator Bypassing and Operation
An internal, low dropout (LDO) voltage regulator produces
the 7.2V INTVCC supply which powers the gate driver,
as shown in Figure 1. If a low input voltage operation is
expected (e.g., supplying power from a lithium-ion battery
or a 3.3V logic supply), low threshold MOSFETs should
be used. The LT3757 contains an undervoltage lockout
comparator A8 and an overvoltage lockout compara-
tor A9 for the INTVCC supply. The INTVCC undervoltage
(UV) threshold is 2.7V (typical), with 100mV hysteresis,
to ensure that the MOSFETs have sufficient gate drive
voltage before turning on. The logic circuitry within the
LT3757 is also powered from the internal INTVCC supply.
The INTVCC overvoltage (OV) threshold is set to be 17.5V
(typical) to protect the gate of the power MOSFET. When
INTVCC is below the UV threshold, or above the OV thresh-
old, the GATE pin will be forced to GND and the soft-start
operation will be triggered.
The INTVCC regulator must be bypassed to ground imme-
diately adjacent to the IC pins with a minimum of 4.7µF
ceramiccapacitor.Goodbypassingisnecessarytosupplythe
high transient currents required by the MOSFET gate driver.
In an actual application, most of the IC supply current is
used to drive the gate capacitance of the power MOSFET.
The on-chip power dissipation can be a significant concern
when a large power MOSFET is being driven at a high fre-
quency and the VIN voltage is high. It is important to limit
the power dissipation through selection of MOSFET and/
or operating frequency so the LT3757 does not exceed its
maximum junction temperature rating. The junction tem-
perature TJ can be estimated using the following equations:
TJ = TA + PIC • θJA
TA = ambient temperature
θJA = junction-to-ambient thermal resistance
PIC = IC power consumption
= VIN • (IQ + IDRIVE)
IQ = VIN operation IQ = 1.6mA
IDRIVE = average gate drive current = f • QG
f = switching frequency
QG = power MOSFET total gate charge
The LT3757 uses packages with an Exposed Pad for
enhanced thermal conduction. With proper soldering to
the Exposed Pad on the underside of the package and a
full copper plane underneath the device, thermal resis-
tance (θJA) will be about 43°C/W for the DD package and
40°C/W for the MSE package. For an ambient board tem-
perature of TA = 70°C and maximum junction temperature
of 125°C, the maximum IDRIVE (IDRIVE(MAX)) of the DD
package can be calculated as:
IDRIVE(MAX) =
(TJ – TA)
(
θJA • VIN)
–IQ =
1.28W
VIN
– 1.6mA
The LT3757 has an internal INTVCC IDRIVE current limit
function to protect the IC from excessive on-chip power
dissipation. The IDRIVE current limit decreases as the VIN
increases (see the INTVCC Minimum Output Current vs VIN
graph in the Typical Performance Characteristics section).
If IDRIVE reaches the current limit, INTVCC voltage will fall
and may trigger the soft-start.
Based on the preceding equation and the INTVCC Minimum
Output Current vs VIN graph, the user can calculate the
maximum MOSFET gate charge the LT3757 can drive at
a given VIN and switch frequency. A plot of the maximum
QG vs VIN at different frequencies to guarantee a minimum
4.5V INTVCC is shown in Figure 2.
As illustrated in Figure 2, a trade-off between the operat-
ing frequency and the size of the power MOSFET may
be needed in order to maintain a reliable IC junction
Figure 2. Recommended Maximum QG vs VIN at Different
Frequencies to Ensure INTVCC Higher Than 4.5V
VIN (V)
0
200
250
150
100
10
20
5
15
30
40
25
35
50
0
300
3757 F02
300kHz
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com