Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 3 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LT3757/LT3757A
3
Rev. G
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
ORDER INFORMATION
The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, SENSE = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
2.9
40
V
VIN Shutdown IQ
SHDN/UVLO = 0V
SHDN/UVLO = 1.15V
0.1
1
6
µA
µA
VIN Operating IQ
VC = 0.3V, RT = 41.2k
1.6
2.2
mA
VIN Operating IQ with Internal LDO Disabled
VC = 0.3V, RT = 41.2k, INTVCC = 7.5V
280
400
µA
SENSE Current Limit Threshold
l
100
110
120
mV
SENSE Input Bias Current
Current Out of Pin
–65
µA
Error Amplifier
FBX Regulation Voltage (VFBX(REG))
VFBX > 0V (Note 3)
VFBX < 0V (Note 3)
l
l
1.569
–0.816
1.6
–0.80
1.631
–0.784
V
V
FBX Overvoltage Lockout
VFBX > 0V (Note 4)
VFBX < 0V (Note 4)
6
7
8
11
10
14
%
%
FBX Pin Input Current
VFBX = 1.6V (Note 3)
VFBX = –0.8V (Note 3)
–10
70
100
10
nA
nA
Transconductance gm (∆IVC/∆VFBX)
(Note 3)
230
µS
VC Output Impedance
(Note 3)
5
MΩ
VFBX Line Regulation [∆VFBX/(∆VIN • VFBX(REG))]
VFBX > 0V, 2.9V < VIN < 40V (Notes 3, 7)
VFBX < 0V, 2.9V < VIN < 40V (Notes 3, 7)
0.002
0.0025
0.056
0.05
%/V
%/V
VC Current Mode Gain (∆VVC/∆VSENSE)
5.5
V/V
VC Source Current
VFBX = 0V, VC = 1.5V
–15
µA
VC Sink Current
VFBX = 1.7V
VFBX = –0.85V
12
11
µA
µA
Oscillator
Switching Frequency
RT = 41.2k to GND, VFBX = 1.6V
RT = 140k to GND, VFBX = 1.6V
RT = 10.5k to GND, VFBX = 1.6V
270
300
100
1000
330
kHz
kHz
kHz
RT Voltage
VFBX = 1.6V
1.2
V
Minimum Off-Time
220
ns
Minimum On-Time
220
ns
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LT3757AEMSE#WPBF
LT3757AEMSE#WTRPBF LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 125°C
LT3757AIMSE#WPBF
LT3757AIMSE#WTRPBF
LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 125°C
LT3757AHMSE#WPBF
LT3757AHMSE#WTRPBF LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com