Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices LT3757 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LT3757/LT3757A
19
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Flyback Converter: Transformer Design for
Discontinuous Mode Operation
The transformer design for discontinuous mode of opera-
tion is chosen as presented here. According to Figure 8,
the minimum D3 (D3MIN) occurs when the converter
has the minimum VIN and the maximum output power
(POUT). Choose D3MIN to be equal to or higher than 10%
to guarantee the converter is always in discontinuous
mode operation (choosing higher D3 allows the use of low
inductances, but results in a higher switch peak current).
The user can choose a DMAX as the start point. Then, the
maximum average primary currents can be calculated by
the following equation:
ILP(MAX) = ISW(MAX) =
POUT(MAX)
DMAX • VIN(MIN) • η
where h is the converter efficiency.
If the flyback converter has multiple outputs, POUT(MAX)
is the sum of all the output power.
The maximum average secondary current is:
ILS(MAX) = ID(MAX) =
IOUT(MAX)
D2
where:
D2 = 1 – DMAX – D3
the primary and secondary RMS currents are:
ILP(RMS) = 2 •ILP(MAX) •
DMAX
3
ILS(RMS) = 2 •ILS(MAX) •
D2
3
According to Figure 8, the primary and secondary peak
currents are:
ILP(PEAK) = ISW(PEAK) = 2 • ILP(MAX)
ILS(PEAK) = ID(PEAK) = 2 • ILS(MAX)
The primary and second inductor values of the flyback
converter transformer can be determined using the fol-
lowing equations:
LP =
D2 MAX • V2 IN(MIN)• η
2 •POUT(MAX) • f
LS =
D22 •(VOUT + VD)
2 •IOUT(MAX) • f
The primary to second turns ratio is:
NP
NS
=
LP
LS
Flyback Converter: Snubber Design
Transformer leakage inductance (on either the primary
or secondary) causes a voltage spike to occur after the
MOSFET turn-off. This is increasingly prominent at higher
load currents, where more stored energy must be dis-
sipated. In some cases a snubber circuit will be required
to avoid overvoltage breakdown at the MOSFET’s drain
node. There are different snubber circuits, and Application
Note 19 is a good reference on snubber design. An RCD
snubber is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com