Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LT3757/LT3757A
17
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
For the bulk C component, which also contributes 1% to
the total ripple:
COUT ≥
IO(MAX)
0.01• VOUT • f
The output capacitor in a boost regulator experiences
high RMS ripple currents, as shown in Figure 6. The RMS
ripple current rating of the output capacitor can be deter-
mined using the following equation:
IRMS(COUT) ≥IO(MAX) •
DMAX
1
−DMAX
Multiple capacitors are often paralleled to meet ESR
requirements. Typically, once the ESR requirement is sat-
isfied, the capacitance is adequate for filtering and has the
required RMS current rating. Additional ceramic capaci-
tors in parallel are commonly used to reduce the effect of
parasitic inductance in the output capacitor, which reduces
high frequency switching noise on the converter output.
Boost Converter: Input Capacitor Selection
The input capacitor of a boost converter is less critical
than the output capacitor, due to the fact that the inductor
is in series with the input, and the input current wave-
form is continuous. The input voltage source impedance
determines the size of the input capacitor, which is typi-
cally in the range of 10µF to 100µF. A low ESR capacitor
is recommended, although it is not as critical as for the
output capacitor.
The RMS input capacitor ripple current for a boost con-
verter is:
IRMS(CIN) = 0.3 • ∆IL
FLYBACK CONVERTER APPLICATIONS
The LT3757 can be configured as a flyback converter for
the applications where the converters have multiple out-
puts, high output voltages or isolated outputs. Figure 7
shows a simplified flyback converter.
The flyback converter has a very low parts count for mul-
tiple outputs, and with prudent selection of turns ratio,
can have high output/input voltage conversion ratios with
a desirable duty cycle. However, it has low efficiency due
to the high peak currents, high peak voltages and con-
sequent power loss. The flyback converter is commonly
used for an output power of less than 50W.
The flyback converter can be designed to operate either
in continuous or discontinuous mode. Compared to con-
tinuous mode, discontinuous mode has the advantage of
smaller transformer inductances and easy loop compen-
sation, and the disadvantage of higher peak-to-average
current and lower efficiency. In the high output voltage
applications, the flyback converters can be designed
to operate in discontinuous mode to avoid using large
transformers.
Figure 7. A Simplified Flyback Converter
RSENSE
NP:NS
VIN
CIN
CSN
VSN
LP
D
SUGGESTED
RCD SNUBBER
ID
ISW
VDS
3757 F07
GATE
GND
LT3757
SENSE
LS
M
+
–
+
–
RSN
DSN
–
+
+
COUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com