Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices LT3757 Datasheet HTML 23Page - Analog Devices LT3757 Datasheet HTML 24Page - Analog Devices LT3757 Datasheet HTML 25Page - Analog Devices LT3757 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LT3757/LT3757A
22
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 9. The Switch Current Waveform of the SEPIC Converter
3757 F08
∆ISW = χ • ISW(MAX)
ISW
t
DTS
ISW(MAX)
TS
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode for-
ward voltage (VD).
The maximum duty cycle (DMAX) occurs when the con-
verter has the minimum input voltage:
DMAX =
VOUT + VD
VIN(MIN)+ VOUT + VD
SEPIC Converter: Inductor and Sense Resistor Selection
As shown in Figure 1, the SEPIC converter contains two
inductors: L1 and L2. L1 and L2 can be independent, but
can also be wound on the same core, since identical volt-
ages are applied to L1 and L2 throughout the switching
cycle.
For the SEPIC topology, the current through L1 is the
converter input current. Based on the fact that, ideally, the
output power is equal to the input power, the maximum
average inductor currents of L1 and L2 are:
IL1(MAX) = IIN(MAX) = IO(MAX) •
DMAX
1– DMAX
IL2(MAX) = IO(MAX)
In a SEPIC converter, the switch current is equal to IL1 +
IL2 when the power switch is on, therefore, the maximum
average switch current is defined as:
ISW(MAX) = IL1(MAX) + IL2(MAX) = IO(MAX) •
1
1– DMAX
and the peak switch current is:
ISW(PEAK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟ •IO(MAX) •
1
1
−DMAX
The constant c in the preceding equations represents the
percentage peak-to-peak ripple current in the switch, rela-
tive to ISW(MAX), as shown in Figure 9. Then, the switch
ripple current ∆ISW can be calculated by:
∆ISW = c • ISW(MAX)
The inductor ripple currents ∆IL1 and ∆IL2 are identical:
∆IL1 = ∆IL2 = 0.5 • ∆ISW
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
∆IL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ∆IL allows the use of low induc-
tances, but results in higher input current ripple, greater
core losses, and in some cases, subharmonic oscillation.
A good starting point for c is 0.2 and careful evaluation
of system stability should be made to ensure adequate
design margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com