Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 4 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LT3757/LT3757A
4
Rev. G
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, SENSE = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Input Low
0.4
V
SYNC Input High
1.5
V
SS Pull-Up Current
SS = 0V, Current Out of Pin
–10
µA
Low Dropout Regulator
INTVCC Regulation Voltage
l
7
7.2
7.4
V
INTVCC Undervoltage Lockout Threshold
Falling INTVCC
UVLO Hysteresis
2.6
2.7
0.1
2.8
V
V
INTVCC Overvoltage Lockout Threshold
16
17.5
V
INTVCC Current Limit
VIN = 40V
VIN = 15V
30
40
95
55
mA
mA
INTVCC Load Regulation (∆VINTVCC/VINTVCC)
0 < IINTVCC < 20mA, VIN = 8V
–0.9
–0.5
%
INTVCC Line Regulation ∆VINTVCC/(VINTVCC • ∆VIN)
8V < VIN < 40V
0.008
0.03
%/V
Dropout Voltage (VIN – VINTVCC)
VIN = 6V, IINTVCC = 20mA
400
mV
INTVCC Current in Shutdown
SHDN/UVLO = 0V, INTVCC = 8V
16
µA
INTVCC Voltage to Bypass Internal LDO
7.5
V
Logic Inputs
SHDN/UVLO Threshold Voltage Falling
VIN = INTVCC = 8V
l
1.17
1.22
1.27
V
SHDN/UVLO Input Low Voltage
I(VIN) Drops Below 1µA
0.4
V
SHDN/UVLO Pin Bias Current Low
SHDN/UVLO = 1.15V
1.7
2
2.5
µA
SHDN/UVLO Pin Bias Current High
SHDN/UVLO = 1.30V
10
100
nA
Gate Driver
tr Gate Driver Output Rise Time
CL = 3300pF (Note 5), INTVCC = 7.5V
22
ns
tf Gate Driver Output Fall Time
CL = 3300pF (Note 5), INTVCC = 7.5V
20
ns
Gate VOL
0.05
V
Gate VOH
INTVCC –0.05
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3757E/LT3757AE are guaranteed to meet performance
specifications from the 0°C to 125°C junction temperature. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LT3757I/LT3757AI are guaranteed over the full –40°C to
125°C operating junction temperature range. The LT3757H/LT3757AH are
guaranteed over the full –40°C to 150°C operating junction temperature
range. High junction temperatures degrade operating lifetimes. Operating
lifetime is derated at junction temperatures greater than 125°C. The
LT3757MP/LT3757AMP are 100% tested and guaranteed over the full
–55°C to 150°C operating junction temperature range.
Note 3: The LT3757/LT3757A are tested in a feedback loop which servos
VFBX to the reference voltages (1.6V and –0.8V) with the VC pin forced
to 1.3V.
Note 4: FBX overvoltage lockout is measured at VFBX(OVERVOLTAGE) relative
to regulated VFBX(REG).
Note 5: Rise and fall times are measured at 10% and 90% levels.
Note 6: For VIN below 6V, the SHDN/UVLO pin must not exceed VIN.
Note 7: SHDN/UVLO = 1.33V when VIN = 2.9V.
Note 8: The LT3757/LT3757A include overtemperature protection that
is intended to protect the device during momentary overload conditions.
Junction temperature will exceed the maximum operating junction
temperature when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com