Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LT3757/LT3757A
11
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
temperature. Prior to lowering the operating frequency,
however, be sure to check with power MOSFET manufac-
turers for their most recent low QG, low RDS(ON) devices.
Power MOSFET manufacturing technologies are con-
tinually improving, with newer and better performance
devices being introduced almost yearly.
An effective approach to reduce the power consumption
of the internal LDO for gate drive is to tie the INTVCC pin
to an external voltage source high enough to turn off the
internal LDO regulator.
If the input voltage VIN does not exceed the absolute maxi-
mum rating of both the power MOSFET gate-source volt-
age (VGS) and the INTVCC overvoltage lockout threshold
voltage (17.5V), the INTVCC pin can be shorted directly
to the VIN pin. In this condition, the internal LDO will be
turned off and the gate driver will be powered directly
from the input voltage, VIN. With the INTVCC pin shorted to
VIN, however, a small current (around 16µA) will load the
INTVCC in shutdown mode. For applications that require
the lowest shutdown mode input supply current, do not
connect the INTVCC pin to VIN.
In SEPIC or flyback applications, the INTVCC pin can be
connected to the output voltage VOUT through a blocking
diode, as shown in Figure 3, if VOUT meets the following
conditions:
1. VOUT < VIN (pin voltage)
2. VOUT < 17.5V
3. VOUT < maximum VGS rating of power MOSFET
A resistor RVCC can be connected, as shown in Figure 3, to
limit the inrush current from VOUT. Regardless of whether
or not the INTVCC pin is connected to an external volt-
age source, it is always necessary to have the driver cir-
cuitry bypassed with a 4.7µF low ESR ceramic capacitor to
ground immediately adjacent to the INTVCC and GND pins.
Figure 3. Connecting INTVCC to VOUT
CVCC
4.7µF
VOUT
3757 F03
INTVCC
GND
LT3757
RVCC
DVCC
Operating Frequency and Synchronization
The choice of operating frequency may be determined
by on-chip power dissipation, otherwise it is a trade-off
between efficiency and component size. Low frequency
operation improves efficiency by reducing gate drive cur-
rent and MOSFET and diode switching losses. However,
lower frequency operation requires a physically larger
inductor. Switching frequency also has implications
for loop compensation. The LT3757 uses a constant-
frequency architecture that can be programmed over a
100kHz to 1000kHz range with a single external resistor
from the RT pin to ground, as shown in Figure 1. The
RT pin must have an external resistor to GND for proper
operation of the LT3757. A table for selecting the value
of RT for a given operating frequency is shown in Table 1.
Table 1. Timing Resistor (RT) Value
OSCILLATOR FREQUENCY (kHz)
RT (kΩ)
100
140
200
63.4
300
41.2
400
30.9
500
24.3
600
19.6
700
16.5
800
14
900
12.1
1000
10.5
The operating frequency of the LT3757 can be synchro-
nized to an external clock source. By providing a digital
clock signal into the SYNC pin, the LT3757 will oper-
ate at the SYNC clock frequency. If this feature is used,
an RT resistor should be chosen to program a switch-
ing frequency 20% slower than SYNC pulse frequency.
The SYNC pulse should have a minimum pulse width of
200ns. Tie the SYNC pin to GND if this feature is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com