Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LT3757/LT3757A
6
Rev. G
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Line Regulation
INTVCC Dropout Voltage
vs Current, Temperature
INTVCC vs Temperature
INTVCC Minimum Output Current
vs VIN
INTVCC Load Regulation
TA = 25°C, unless otherwise noted.
Gate Drive Rise
and Fall Time vs CL
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
7.0
7.1
7.2
7.3
7.4
3757 G13
VIN (V)
0
35
7.25
7.20
10
20
5
15
25
30
40
7.15
7.10
7.30
3757 G16
CL (nF)
0
60
70
80
50
40
5
15
10
20
25
30
10
0
30
90
20
3757 G18
RISE TIME
INTVCC = 7.2V
FALL TIME
INTVCC LOAD (mA)
0
6.8
7
7.1
7.2
7.3
20
40
50
60
6.9
10
30
70
3757 G15
VIN = 8V
INTVCC LOAD (mA)
0
500
600
300
400
200
10
5
15
20
100
0
700
3757 G17
150°C
125°C
25°C
0°C
–55°C
75°C
VIN = 6V
VIN (V)
0
50
60
70
40
3757 G14
40
30
0
10
10
20
30
5
15
25
35
20
90
80
TJ = 150°C
INTVCC = 6V
INTVCC = 4.5V
SHDN/UVLO Threshold
vs Temperature
SHDN/UVLO Current vs Voltage
SHDN/UVLO Hysteresis Current
vs Temperature
SHDN/UVLO VOLTAGE (V)
0
0
20
10
20
30
40
10
30
40
3757 G11
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
1.6
1.8
2.0
2.2
2.4
3757 G12
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
1.18
1.22
1.24
1.26
1.28
1.20
3757 G10
SHDN/UVLO FALLING
SHDN/UVLO RISING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com