Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices LT3757 Datasheet HTML 23Page - Analog Devices LT3757 Datasheet HTML 24Page - Analog Devices LT3757 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LT3757/LT3757A
21
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Flyback Converter: Output Diode Selection
The output diode in a flyback converter is subject to large
RMS current and peak reverse voltage stresses. A fast
switching diode with a low forward drop and a low reverse
leakage is desired. Schottky diodes are recommended if
the output voltage is below 100V.
Approximate the required peak repetitive reverse voltage
rating VRRM using:
VRRM >
NS
NP
• VIN(MAX)+ VOUT
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • RθJA
The RθJA to be used in this equation normally includes
the RθJC for the device, plus the thermal resistance from
the board to the ambient temperature in the enclosure.
TJ must not exceed the diode maximum junction tem-
perature rating.
Flyback Converter: Output Capacitor Selection
The output capacitor of the flyback converter has a similar
operation condition as that of the boost converter. Refer to
the Boost Converter: Output Capacitor Selection section
for the calculation of COUT and ESRCOUT.
The RMS ripple current rating of the output capacitors
in discontinuous operation can be determined using the
following equation:
IRMS(COUT),DISCONTINUOUS ≥ IO(MAX) •
4
−(3 •D2)
3 •D2
Flyback Converter: Input Capacitor Selection
The input capacitor in a flyback converter is subject to
a large RMS current due to the discontinuous primary
current. To prevent large voltage transients, use a low
ESR input capacitor sized for the maximum RMS current.
The RMS ripple current rating of the input capacitors in
discontinuous operation can be determined using the fol-
lowing equation:
IRMS(CIN),DISCONTINUOUS ≥
POUT(MAX)
VIN(MIN) • η
•
4
−(3 •DMAX)
3 •DMAX
SEPIC CONVERTER APPLICATIONS
The LT3757 can be configured as a SEPIC (single-ended
primary inductance converter), as shown in Figure 1. This
topology allows for the input to be higher, equal, or lower
than the desired output voltage. The conversion ratio as
a function of duty cycle is:
VOUT + VD
VIN
=
D
1– D
in continuous conduction mode (CCM).
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
Compared to the flyback converter, the SEPIC converter
has the advantage that both the power MOSFET and the
output diode voltages are clamped by the capacitors (CIN,
CDC and COUT), therefore, there is less voltage ringing
across the power MOSFET and the output diodes. The
SEPIC converter requires much smaller input capacitors
than those of the flyback converter. This is due to the fact
that, in the SEPIC converter, the inductor L1 is in series
with the input, and the ripple current flowing through the
input capacitor is continuous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com