Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
LT3757/LT3757A
15
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Boost Converter: Inductor and Sense Resistor Selection
For the boost topology, the maximum average inductor
current is:
IL(MAX) = IO(MAX) •
1
1– DMAX
Then, the ripple current can be calculated by:
ΔIL = χ •IL(MAX) = χ •IO(MAX) •
1
1
−DMAX
The constant c in the preceding equation represents the
percentage peak-to-peak ripple current in the inductor,
relative to IL(MAX).
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
∆IL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ∆IL provides fast transient
response and allows the use of low inductances, but
results in higher input current ripple, greater core losses,
and in some cases, sub-harmonic oscillation. A good
starting point of c is 0.2 and careful evaluation of system
stability should be made to ensure adequate design
margin.
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value of the boost converter can
be determined using the following equation:
L
=
VIN(MIN)
ΔIL • f
•DMAX
The peak and RMS inductor current are:
IL(PEAK) = IL(MAX) • 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
IL(RMS) = IL(MAX) • 1+
χ2
12
Based on these equations, the user should choose the
inductors having sufficient saturation and RMS current
ratings.
Set the sense voltage at IL(PEAK) to be the minimum of the
SENSE current limit threshold with a 20% margin. The
sense resistor value can then be calculated to be:
RSENSE =
80mV
IL(PEAK)
Boost Converter: Power MOSFET Selection
Important parameters for the power MOSFET include the
drain-source voltage rating (VDS), the threshold voltage
(VGS(TH)), the on-resistance (RDS(ON)), the gate to source
and gate to drain charges (QGS and QGD), the maximum
drain current (ID(MAX)) and the MOSFET’s thermal
resistances (RθJC and RθJA).
The power MOSFET will see full output voltage, plus a
diode forward voltage, and any additional ringing across
its drain-to-source during its off-time. It is recommended
to choose a MOSFET whose BVDSS is higher than VOUT by
a safety margin (a 10V safety margin is usually sufficient).
The power dissipated by the MOSFET in a boost converter
is:
PFET = I2L(MAX) • RDS(ON) • DMAX + 2 • V2OUT • IL(MAX)
• CRSS • f/1A
The first term in the preceding equation represents the
conduction losses in the device, and the second term, the
switching loss. CRSS is the reverse transfer capacitance,
which is usually specified in the MOSFET characteristics.
For maximum efficiency, RDS(ON) and CRSS should be
minimized. From a known power dissipated in the power
MOSFET, its junction temperature can be obtained using
the following equation:
TJ = TA + PFET • θJA = TA + PFET • (θJC + θCA)
TJ must not exceed the MOSFET maximum junction
temperature rating. It is recommended to measure the
MOSFET temperature in steady state to ensure that abso-
lute maximum ratings are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com