Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 1 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LT3757/LT3757A
1
Rev. G
For more information www.analog.com
n
Wide Input Voltage Range: 2.9V to 40V
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Current Mode Control Provides Excellent Transient
Response
n
Programmable Operating Frequency (100kHz to
1MHz) with One External Resistor
n
Synchronizable to an External Clock
n
Low Shutdown Current < 1µA
n
Internal 7.2V Low Dropout Voltage Regulator
n
Programmable Input Undervoltage Lockout with
Hysteresis
n
Programmable Soft-Start
n
Small 10-Lead DFN (3mm × 3mm) and Thermally
Enhanced 10-Pin MSOP Packages
n
AEC-Q100 Qualified for Automotive Applications
TYPICAL APPLICATION
DESCRIPTION
Boost, Flyback, SEPIC and
Inverting Controller
The LT®3757/LT3757A are wide input range, current
mode, DC/DC controllers which are capable of generating
either positive or negative output voltages. They can be
configured as either a boost, flyback, SEPIC or inverting
converter. The LT3757/LT3757A drive a low side external
N-channel power MOSFET from an internal regulated 7.2V
supply. The fixed frequency, current-mode architecture
results in stable operation over a wide range of supply
and output voltages.
The operating frequency of LT3757/LT3757A can be set
with an external resistor over a 100kHz to 1MHz range,
and can be synchronized to an external clock using the
SYNC pin. A low minimum operating supply voltage of
2.9V, and a low shutdown quiescent current of less than
1µA, make the LT3757/LT3757A ideally suited for battery-
operated systems.
The LT3757/LT3757A feature soft-start and frequency
foldback functions to limit inductor current during start-
up and output short-circuit. The LT3757A has improved
load transient performance compared to the LT3757.
High Efficiency Boost Converter
FEATURES
APPLICATIONS
n
Automotive and Industrial Boost, Flyback, SEPIC and
Inverting Converters
n
Telecom Power Supplies
n
Portable Electronic Equipment
Efficiency
SENSE
LT3757
VIN
VIN
8V TO 16V
10µF
25V
X5R
VOUT
24V
2A
0.01
41.2k
300kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
200k
43.2k
0.1µF
22k
6.8nF
10µH
3757 TA01a
226k
16.2k
4.7µF
10V
X5R
10µF
25V
X5R
47µF
35V
×2
+
OUTPUT CURRENT (A)
0.001
30
50
40
60
70
80
90
100
0.01
0.1
1
3757 TA01b
10
VIN = 8V
VIN = 16V
All registered trademarks and trademarks are the property of their respective owners.
Document Feedback


Similar Part No. - LT3757

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3757 LINER-LT3757 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3757 LINER-LT3757 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
LT3757 LINER-LT3757 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LT3757

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com