Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LT3757/LT3757A
9
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Main Control Loop
The LT3757 uses a fixed frequency, current mode con-
trol scheme to provide excellent line and load regulation.
Operation can be best understood by referring to the
Block Diagram in Figure 1.
The start of each oscillator cycle sets the SR latch (SR1)
and turns on the external power MOSFET switch M1
through driver G2. The switch current flows through the
external current sensing resistor RSENSE and generates a
voltage proportional to the switch current. This current
sense voltage VISENSE (amplified by A5) is added to a
stabilizing slope compensation ramp and the resulting
sum (SLOPE) is fed into the positive terminal of the PWM
comparator A7. When SLOPE exceeds the level at the
negative input of A7 (VC pin), SR1 is reset, turning off the
power switch. The level at the negative input of A7 is set
by the error amplifier A1 (or A2) and is an amplified ver-
sion of the difference between the feedback voltage (FBX
pin) and the reference voltage (1.6V or –0.8V, depending
on the configuration). In this manner, the error ampli-
fier sets the correct peak switch current level to keep the
output in regulation.
The LT3757 has a switch current limit function. The cur-
rent sense voltage is input to the current limit compara-
tor A6. If the SENSE pin voltage is higher than the sense
current limit threshold VSENSE(MAX) (110mV, typical), A6
will reset SR1 and turn off M1 immediately.
The LT3757 is capable of generating either positive or
negative output voltage with a single FBX pin. It can be
configured as a boost, flyback or SEPIC converter to gen-
erate positive output voltage, or as an inverting converter
to generate negative output voltage. When configured as
a SEPIC converter, as shown in Figure 1, the FBX pin is
pulled up to the internal bias voltage of 1.6V by a volt-
age divider (R1 and R2) connected from VOUT to GND.
Comparator A2 becomes inactive and comparator A1 per-
forms the inverting amplification from FBX to VC. When
the LT3757 is in an inverting configuration, the FBX pin
is pulled down to –0.8V by a voltage divider connected
from VOUT to GND. Comparator A1 becomes inactive and
comparator A2 performs the noninverting amplification
from FBX to VC.
The LT3757 has overvoltage protection functions to pro-
tect the converter from excessive output voltage over-
shoot during start-up or recovery from a short-circuit
condition. An overvoltage comparator A11 (with 20mV
hysteresis) senses when the FBX pin voltage exceeds the
positive regulated voltage (1.6V) by 8% and provides a
reset pulse. Similarly, an overvoltage comparator A12
(with 10mV hysteresis) senses when the FBX pin voltage
exceeds the negative regulated voltage (–0.8V) by 11%
and provides a reset pulse. Both reset pulses are sent to
the main RS latch (SR1) through G6 and G5. The power
MOSFET switch M1 is actively held off for the duration of
an output overvoltage condition.
Programming Turn-On and Turn-Off Thresholds with
the SHDN/UVLO Pin
The SHDN/UVLO pin controls whether the LT3757 is
enabled or is in shutdown state. A micropower 1.22V
reference, a comparator A10 and a controllable current
source IS1 allow the user to accurately program the supply
voltage at which the IC turns on and off. The falling value
can be accurately set by the resistor dividers R3 and R4.
When SHDN/UVLO is above 0.7V, and below the 1.22V
threshold, the small pull-down current source IS1 (typical
2µA) is active.
The purpose of this current is to allow the user to program
the rising hysteresis. The Block Diagram of the compara-
tor and the external resistors is shown in Figure 1. The
typical falling threshold voltage and rising threshold volt-
age can be calculated by the following equations:
VVIN,FALLING = 1.22 •
(R3
+ R4)
R4
VVIN,RISING = 2µA • R3+ VIN,FALLING
For applications where the SHDN/UVLO pin is only used
as a logic input, the SHDN/UVLO pin can be connected
directly to the input voltage VIN for always-on operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com