Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 33Page - Texas Instruments ADS5560 Datasheet HTML 34Page - Texas Instruments ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments ADS5560 Datasheet HTML 37Page - Texas Instruments ADS5560 Datasheet HTML 38Page - Texas Instruments ADS5560 Datasheet HTML 39Page - Texas Instruments ADS5560 Datasheet HTML 40Page - Texas Instruments ADS5560 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
S0165-08
VCM
REFM
REFP
INTREF
INTREF
EXTREF
Internal
Reference
ADS556x
Programmable Fine Gain
Low Frequency Noise Suppression
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
Figure 50. Reference Section
ADS556x has programmable fine gain from 0 dB to 6dB in steps of 1 dB. The corresponding full-scale input
range varies from 3.6VPP down to 2VPP. The fine gain is useful, when lower full-scale input ranges are used to
get SFDR improvement (See Figure 15 and Figure 31). This is accompanied by corresponding degradation in
SNR (see Figure 16 and Figure 32). The gain can be programmed using the register bits GAIN (Table 14).
After reset, the device is initialized to 1 dB fine gain.
Table 23. Full-scale Input Range Across Gains
Gain, dB
Corresponding full-scale input range, Vpp
0
3.56 (1)
1, default after reset
3.56
2
3.20
3
2.85
4
2.55
5
2.27
6
2.00
(1)
Note that with 0 dB gain, the full-scale input range continues to be 3.56Vpp. This means that the output code range will be 58409 LSBs
(or 1dB below 65536).
The low-frequency noise suppression mode is specifically useful in applications where good noise performance is
desired in the low frequency band of dc to 1 MHz. Setting this mode shifts the low-frequency noise of the
ADS556x to approximately (Fs/2), thereby moving the noise floor around dc to a much lower value. Register bit
<LF NOISE SUPPRESSION> enables this mode. As Figure 52 shows, when the mode is enabled, the noise floor
from dc-1 MHz improves significantly. The low frequency noise components get shifted to the region around Fs/2
(Figure 53).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com