Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5560 Datasheet HTML 1Page - Texas Instruments ADS5560 Datasheet HTML 2Page - Texas Instruments ADS5560 Datasheet HTML 3Page - Texas Instruments ADS5560 Datasheet HTML 4Page - Texas Instruments ADS5560 Datasheet HTML 5Page - Texas Instruments ADS5560 Datasheet HTML 6Page - Texas Instruments ADS5560 Datasheet HTML 7Page - Texas Instruments ADS5560 Datasheet HTML 8Page - Texas Instruments ADS5560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
AVDD
Supply voltage range
–0.3 V to 3.9
V
DRVDD
Supply voltage range
–0.3 V to 3.9
V
Voltage between AGND and DRGND
-0.3 to 0.3
V
Voltage between AVDD to DRVDD
-0.3 to 3.3
V
Voltage applied to VCM pin (in external reference mode)
-0.3 to 1.8
V
Voltage applied to analog input pins
–0.3 V to minimum (3.6, AVDD + 0.3 V)
V
TA
Operating free-air temperature range
–40 to 85
°C
Tjmax
Operating junction temperature range
125
°C
TSTG
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16") from the case for 10 seconds
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
SUPPLIES AND REFERENCES
AVDD
Analog supply voltage
3
3.3
3.6
V
DRVDD Digital supply voltage
3
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range (with default fine gain=1 dB)
3.56
VPP
Input common-mode voltage
1.5 ±0.1
V
Voltage applied on VCM in external reference mode
1.5
V
±0.05
CLOCK INPUT
Sample rate
DEFAULT SPEED mode
> 30
80
MSP
S
ADS5562
LOW SPEED mode (1)
1
30
MSP
S
DEFAULT SPEED mode
> 30
40
MSP
S
ADS5560
LOW SPEED mode
1
30
MSP
S
Sine wave, LVPECL,
Supported clock waveform formats
LVDS, LVCMOS
Clock amplitude, ac-coupled, differential (VCLKP - VCLKM)
0.4
VPP
Clock duty cycle
45%
50%
55%
DIGITAL OUTPUTS
CL
Maximum external load capacitance from each output pin to DRGND (LVDS and CMOS
5
pF
modes)
RL
Differential external load resistance between the LVDS output pairs (LVDS mode)
100
Ω
Operating free-air temperature
-40
85
°C
(1)
See Low sampling frequency operation in application section for details.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com