Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments ADS5560 Datasheet HTML 37Page - Texas Instruments ADS5560 Datasheet HTML 38Page - Texas Instruments ADS5560 Datasheet HTML 39Page - Texas Instruments ADS5560 Datasheet HTML 40Page - Texas Instruments ADS5560 Datasheet HTML 41Page - Texas Instruments ADS5560 Datasheet HTML 42Page - Texas Instruments ADS5560 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Clock Input
S0166-05
CLKP
VCM
5kW
5kW
CLKM
VCM
ADS556x
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
For low sampling frequencies (below 30 MSPS), the ADC must be put in the LOW SPEED mode. This mode can
be entered by
• setting the register bit <LOW SPEED> (Table 12) through the serial interface, OR
• tying the SCLK pin to high (see Table 4) using the parallel configuration.
ADS556X clock input can be driven with either a differential clock signal or a single-ended clock input, with little
or no difference in performance between both configurations. The common-mode voltage of the clock inputs is
set to VCM using internal 5-k
Ω resistors that connect CLKP and CLKM to VCM, as shown in Figure 54.
Figure 54. Clock Inputs
For the best performance, it is recommended to drive the clock inputs differentially, reducing susceptibility to
common-mode noise. In this case, it is best to connect both clock inputs to the differential input clock signal with
0.1-
µF capacitors, as shown in Figure 55.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com