Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 13Page - Texas Instruments ADS5560 Datasheet HTML 14Page - Texas Instruments ADS5560 Datasheet HTML 15Page - Texas Instruments ADS5560 Datasheet HTML 16Page - Texas Instruments ADS5560 Datasheet HTML 17Page - Texas Instruments ADS5560 Datasheet HTML 18Page - Texas Instruments ADS5560 Datasheet HTML 19Page - Texas Instruments ADS5560 Datasheet HTML 20Page - Texas Instruments ADS5560 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
DESCRIPTION OF SERIAL REGISTERS
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
Each register function is explained in detail below.
Table 10.
A7 - A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<LF NOISE
5D
SUPPRESSION>
D0
<LF NOISE SUPPRESSION> Low frequency noise suppression
0
Disable low frequency noise suppression
1
Enable low frequency noise suppression
Table 11.
A7 - A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<CLKOUT POSN>
62
OUTPUT CLOCK POSITION PROGRAMMABILITY
D4 - D0
<CLKOUT POSN> Output Clock Position Programmability
00000
Register value after reset (corresponds to default CLKOUT position)
Setup/hold timings with this clock position are specified in the timing
characteristics table.
00001
Default CLKOUT position.
Setup/hold timings with this clock position are specified in the timing
characteristics table.
XX011
CMOS - Rising edge earlier by (3/36) Ts
LVDS - Falling edge later by (3/36) Ts
XX101
CMOS - Rising edge later by (3/36) Ts
LVDS - Falling edge later by (6/36) Ts
XX111
CMOS - Rising edge later by (5/36) Ts
LVDS - Falling edge later by (6/36) Ts
01XX1
CMOS - Falling edge earlier by (3/36) Ts
LVDS - Rising edge later by (3/36) Ts
10XX1
CMOS - Falling edge later by (3/36) Ts
LVDS - Rising edge later by (7/36) Ts
11XX1
CMOS - Falling edge later by (5/36) Ts
LVDS - Rising edge later by (7/36) Ts
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com