Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5560 Datasheet HTML 1Page - Texas Instruments ADS5560 Datasheet HTML 2Page - Texas Instruments ADS5560 Datasheet HTML 3Page - Texas Instruments ADS5560 Datasheet HTML 4Page - Texas Instruments ADS5560 Datasheet HTML 5Page - Texas Instruments ADS5560 Datasheet HTML 6Page - Texas Instruments ADS5560 Datasheet HTML 7Page - Texas Instruments ADS5560 Datasheet HTML 8Page - Texas Instruments ADS5560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
Typical values are at 25
°C, AVDD = DRVDD = 3.3 V, sampling rate = Max Rated, sine wave input clock, 1.5 V
PP clock
amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, DDR LVDS interface, 0 dB fine
gain
(1).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = DRVDD = 3.3 V, sampling
rate = Max Rated, default fine gain (1dB), unless otherwise noted.
ADS5562
ADS5560
Fs = 80 MSPS
Fs = 40 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
AC CHARACTERISTICS
FIN = 3 MHz
84
84.3
FIN = 10 MHz
79
83.8
80
84
LVDS
dBFS
interface
FIN = 25 MHz
83.2
82.5
SNR
FIN = 30 MHz
82.8
81.8
Signal to noise
FIN = 3 MHz
81.7
83.5
ratio
FIN = 10 MHz
77
81.4
78
83.1
CMOS
dBFS
interface
FIN = 25 MHz
80.7
81.8
FIN = 30 MHz
80.4
81.6
RMS output noise
Inputs tied to common-mode
1.42
1.42
LSB
FIN = 3 MHz
80.5
83.2
FIN = 10 MHz
75
80.5
76
83
LVDS
dBFS
interface
FIN = 25 MHz
79.5
79
SINAD
FIN = 30 MHz
79
77
Signal to noise and
FIN = 3 MHz
80.5
82
distortion ratio
FIN = 10 MHz
73.5
80.2
75
81.4
CMOS
dBFS
interface
FIN = 25 MHz
79.3
79.3
FIN = 30 MHz
77.9
78
ENOB
LVDS
Effective number
FIN = 10 MHz
12.2
13.1
12.4
13.5
bits
interface
of bits
FIN = 3 MHz
85
90
SFDR
FIN = 10 MHz
77
85
78
88
Spurious free
dBc
FIN = 25 MHz
83
83
dynamic range
FIN = 30 MHz
80
79
FIN = 3 MHz
90
94
FIN = 10 MHz
77
89
78
92
HD2
dBc
Second harmonic
FIN = 25 MHz
88
90
FIN = 30 MHz
88
88
(1)
Note that after reset, the device is initialized to 1 dB fine gain setting. For SFDR and SNR performance across fine gains, see Typical
Characteristics section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com