Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 23Page - Texas Instruments ADS5560 Datasheet HTML 24Page - Texas Instruments ADS5560 Datasheet HTML 25Page - Texas Instruments ADS5560 Datasheet HTML 26Page - Texas Instruments ADS5560 Datasheet HTML 27Page - Texas Instruments ADS5560 Datasheet HTML 28Page - Texas Instruments ADS5560 Datasheet HTML 29Page - Texas Instruments ADS5560 Datasheet HTML 30Page - Texas Instruments ADS5560 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
fIN − Input Frequency − MHz
78
79
80
81
82
83
84
85
86
0
5
10
15
20
25
30
G006
CMOS
LVDS
fIN − Input Frequency − MHz
76
80
84
88
92
96
0
5
10
15
20
25
30
G007
fIN − Input Frequency − MHz
78
80
82
84
86
88
90
92
94
96
98
0
5
10
15
20
25
30
G009
Input adjusted to get −1dBFS input
1 dB
0 dB
5 dB
6 dB
2 dB
3 dB
4 dB
fIN − Input Frequency − MHz
77
78
79
80
81
82
83
84
85
86
87
0
5
10
15
20
25
30
G010
5 dB
1 dB
0 dB
3 dB
4 dB
Input adjusted to get −1dBFS input
2 dB
6 dB
82
83
84
85
86
87
88
89
90
AVDD − Supply Voltage − V
G013
80
82
84
86
88
90
92
94
96
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SNR
SFDR
fIN = 5.01 MHz
DRVDD = 3.3 V
82
83
84
85
86
87
88
89
90
DRVDD − Supply Voltage − V
G014
76
78
80
82
84
86
88
90
92
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SNR
SFDR
fIN = 5.01 MHz
AVDD = 3.3 V
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = Max Rated, sine wave input clock, 1.5 V
PP clock
amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, DDR LVDS interface, default fine
gain (1dB), (unless otherwise noted)
SNR vs Fin, 0 dB gain
SFDR vs Fin
Figure 14.
Figure 15.
SFDR Across Fine Gain
SNR Across Fine Gain
Figure 16.
Figure 17.
Performance vs AVDD Supply
Performance vs DRVDD Supply
Figure 18.
Figure 19.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com