Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 9Page - Texas Instruments ADS5560 Datasheet HTML 10Page - Texas Instruments ADS5560 Datasheet HTML 11Page - Texas Instruments ADS5560 Datasheet HTML 12Page - Texas Instruments ADS5560 Datasheet HTML 13Page - Texas Instruments ADS5560 Datasheet HTML 14Page - Texas Instruments ADS5560 Datasheet HTML 15Page - Texas Instruments ADS5560 Datasheet HTML 16Page - Texas Instruments ADS5560 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
DESCRIPTION OF PARALLEL PINS
SERIAL INTERFACE
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
Table 4. SCLK Control Pin
SCLK
DESCRIPTION
0
DEFAULT SPEED mode - Use for sampling frequencies > 30 MSPS.
DRVDD
LOW SPEED mode Enabled - Use for sampling frequencies
≤ 30 MSPS.
Table 5. SDATA Control Pin
SDATA
DESCRIPTION
0
Normal operation (Default)
DRVDD
STANDBY. This is a global power down, where ADC, internal references and the output buffers are powered down.
Table 6. SEN Control Pin
SEN
With CMOS interface
0
CLKOUT Rising edge later by (3/36)Ts
CLKOUT Falling edge later by (3/36)Ts
(3/8)DRVDD
CLKOUT Rising edge later by (5/36)Ts
CLKOUT Falling edge later by (5/36)Ts
(5/8)DRVDD
CLKOUT Rising edge earlier by (3/36)Ts
CLKOUT Falling edge earlier by (3/36)Ts
DRVDD
Default CLKOUT position
With LVDS interface
0
CLKOUT Rising edge later by (7/36)Ts
CLKOUT Falling edge later by (6/36)Ts
(3/8)DRVDD
CLKOUT Rising edge later by (7/36)Ts
CLKOUT Falling edge later by (6/36)Ts
(5/8)DRVDD
CLKOUT Rising edge later by (3/36)Ts
CLKOUT Falling edge later by (3/36)Ts
DRVDD
Default CLKOUT position
Table 7. DFS Control Pin
DFS
DESCRIPTION
0
2's complement data and DDR LVDS output (Default)
(3/8)DRVDD
2's complement data and parallel CMOS output
(5/8)DRVDD
Offset binary data and parallel CMOS output
DRVDD
Offset binary data and DDR LVDS output
Table 8. MODE Control Pin
MODE
DESCRIPTION
0
Internal reference
(3/8)AVDD
External reference
(5/8)AVDD
External reference
AVDD
Internal reference
The ADC has a set of internal registers, which can be accessed through the serial interface formed by pins SEN
(Serial interface Enable), SCLK (Serial Interface Clock), SDATA (Serial Interface Data) and RESET. After device
power-up, the internal registers must be reset to their default values by applying a high-going pulse on RESET
(of width greater than 10 ns).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com