Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 29Page - Texas Instruments ADS5560 Datasheet HTML 30Page - Texas Instruments ADS5560 Datasheet HTML 31Page - Texas Instruments ADS5560 Datasheet HTML 32Page - Texas Instruments ADS5560 Datasheet HTML 33Page - Texas Instruments ADS5560 Datasheet HTML 34Page - Texas Instruments ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments ADS5560 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
5
10
15
f -InputFrequency-MHz
IN
SFDR-dBc
20
25
30
30
70
40
50
60
80
80
82
84
86
88
M0049-04
84
84
84
84
84
84
88
88
88
86
86
90
90
92
94
86
82
84
84
82
82
90
92
5
10
15
f -InputFrequency-MHz
IN
SNR-dBFS
20
25
30
30
70
40
50
60
80
81
82
82.5
83
83.5
M0048-04
83.5
83.5
83.5
84
84
84
81.5
84.5
83
83
83
82
82
82.5
82.5
81.5
84
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = Max Rated, sine wave input clock, 1.5 V
PP clock
amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, DDR LVDS interface, default fine
gain (1dB), (unless otherwise noted)
SFDR Contour, 0 dB Gain
Figure 44.
SNR Contour, 0 dB Gain
Figure 45.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com