Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 15Page - Texas Instruments ADS5560 Datasheet HTML 16Page - Texas Instruments ADS5560 Datasheet HTML 17Page - Texas Instruments ADS5560 Datasheet HTML 18Page - Texas Instruments ADS5560 Datasheet HTML 19Page - Texas Instruments ADS5560 Datasheet HTML 20Page - Texas Instruments ADS5560 Datasheet HTML 21Page - Texas Instruments ADS5560 Datasheet HTML 22Page - Texas Instruments ADS5560 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
ADS5560
ADS5562
www.ti.com ....................................................................................................................................................................................................... SLWS207 – MAY 2008
Table 14.
A7 - A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
68
<GAIN> FINE GAIN 0 dB to 6 dB, in 1 dB steps
D3 - D0
<GAIN> Programmable Fine Gain
0XXX
1 dB
1000
0 dB
1001
1 dB, default register value after reset
1010
2 dB
1011
3 dB
1100
4 dB
1101
5 dB
1110
6 dB
Table 15.
A7 - A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
69
<CUSTOM A> CUSTOM PATTERN (D7 TO D0)
6A
<CUSTOM B> CUSTOM PATTERN (D15 TO D8)
Reg 69
D7 - D0
Program bits D7 to D0 of custom pattern
Reg 6A
D15 - D8
Program bits D15 to D8 of custom pattern
Table 16.
A7 - A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<ODI> OUTPUT DATA
6C
INTERFACE - DDR LVDS OR
PARALLEL CMOS
D4 - D3
<ODI> Output Interface
00
default after reset, state of DFS pin determines
interface type. See Table 7.
01
DDR LVDS outputs, independent of state of DFS
pin.
11
Parallel CMOS outputs, independent of state of
DFS pin.
Table 17.
A7 - A0
D7
D6
D5
D4
D3
D2
D1
D0
<REF>
6D
INTERNAL or EXTERNAL
REFERENCE
D4
<REF> Reference
0
Internal reference
1
External reference mode, force voltage on VCM to set reference.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com