Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 30 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 30 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 33Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 34Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
30
For decoding the S/PDIF payload see Channel Status Table below:
SPDIF CHANNEL STATUS - Consumer Configuration
Address
Offset
(Bytes)
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0
Reserved
Reserved
0: 2 Channel
1: 4 Channel
Reserved
0: No-Preemph
1: Preemph
0: CopyRight
1: Non-CopyRight
0: Audio
1: Data
0: Consumer
1: Professional
1
Category Code
0x00: General
0x01: Laser-Optical
0x02: DVD Converter
0x03: Magnetic
0x04: Digital Broadcast
0x05: Musical Instrument
0x06: Present A/D Converter
0x08: Solid State Memory
0x16: Future A/D Converter
0x19: DVD
0x40: Experimental
2
Channel Number
0x0: Don’t Care
0x1: A (Left)
0x2: B (Right)
0x3: C
0x4: D
0x5: E
0x6: F
0x7: G
0x8: H
0x9: I
0xA: J
0xB: K
0xC: L
0xD: M
0xE: N
0xD: O
Source Number
0x0: Don’t Care
0x1: 1
0x2: 2
0x3: 3
0x4: 4
0x5: 5
0x6: 6
0x7: 7
0x8: 8
0x9: 9
0xA: 10
0xB: 11
0xC: 12
0xD: 13
0xE: 14
0xD: 15
3
Reserved
Reserved
Clock Accuracy
0x0: Level 2 ±1000ppm
0x1: Level 1 ±50ppm
0x2: Level 3 variable pitch
shifted
Sample Frequency
0x0: 44.1k
0x2: 48k
0x3: 32k
0x4: 22.05k
0x6: 24k
0x8: 88.2k
0xA: 96k
0xC: 176.4k
0xE: 192k
4
Reserved
Reserved
Reserved
Reserved
Word Length:
If Word Field Size = 0
If Word Field Size = 1
000 = Not Indicated
000 = Not Indicated
100 = 19 bits
100 = 23 bits
010 = 18 bits
010 = 22 bits
110 = 17 bits
110 = 21 bits
001 = 16 bits
001 = 20 bits
101 = 20 bits
101 = 24 bits
Word Field Size
0: Max 20 bits
1: Max 24 bits
5-23
Reserved
Table 15 - S/PDIF Channel Status - Consumer Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com