Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 75 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 75 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 71Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 72Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 73Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 74Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 75Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 76Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 77Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 78Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 79Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
VERSION 0.2.2
75
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Register 47-46: GPIO OUTPUT LOGIC
Bits
[15] [14:7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0 8'd0
1'b0 1'b0 1'b0 1'b0 1'b1 1'b1 1'b1
Bits
Mnemonic
Description
[15]
GPIO_DAC_MODE
When any GPIO_CFG is "System mode control":
• 1'b0: Disable datapath when GPIO input is 1'b1
• 1'b1: Enable datapath when GPIO input is 1
When GPIOx input is 1'b0, system mode is determined by
register 0[1] DAC_MODE.
[14:7]
RESERVED
N/A
[6]
GPIO_SEL
Outputs a specific channel's flag if the corresponding
GPIO_AND and GPIO_OR are not set.
• 1'b0: Outputs status/flag from CH1
• 1'b1: Outputs status/flag from CH2
[5]
GPIO_OR_SS_RAMP
Sets the GPIO_CFG "Soft Ramp Done" flag output as the
bitwise OR of both channel's flags.
• 1'b0: Disabled (default)
• 1'b1: Enabled, GPIO_CFG output is |(ss_full_ramp[CHx])
[4]
GPIO_OR_VOL_MIN
Sets the GPIO_CFG "Automute Status" output as the bitwise
OR of both channel's statuses.
• 1'b0: Disabled (default)
• 1'b1: Enabled, GPIO_CFG output is |(automute[CHx])
[3]
GPIO_OR_AUTOMUTE
Sets the GPIO_CFG "Minimum Volume" flag output as the
bitwise OR of both channel's flags.
• 1'b0: Disabled (default)
• 1'b1: Enabled, GPIO_CFG output is |(vol_min[CHx])
[2]
GPIO_AND_SS_RAMP
Sets the GPIO_CFG "Soft Ramp Done" flag output as the
bitwise AND of both channel's flags.
• 1'b0: Disabled
• 1'b1: Enabled, GPIO_CFG output is &(ss_full_ramp[CHx])
(default)
Note: Overridden by GPIO_OR_SS_RAMP.
[1]
GPIO_AND_VOL_MIN
Sets the GPIO_CFG "Automute Status" output as the bitwise
AND of both channel's statuses.
• 1'b0: Disabled
• 1'b1: Enabled, GPIO_CFG output is &(automute[CHx])
(default)
Note: Overridden by GPIO_OR_AUTOMUTE.
[0]
GPIO_AND_AUTOMUTE
Sets the GPIO_CFG "Minimum Volume" flag output as the
bitwise AND of both channel's flags.
• 1'b0: Disabled
• 1'b1: Enabled, GPIO_CFG output is &(vol_min[CHx])
(default)
Note: Overridden by GPIO_OR_VOL_MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com