Electronic Components Datasheet Search
  English  ▼

X  

ES9039Q2M Datasheet(PDF) 87 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 87 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 83Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 84Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 85Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 86Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 87Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 88Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 89Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 90Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 91Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
VERSION 0.2.2
87
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
Register 122-111: RESERVED
Register 123: AUTOMUTE ENABLE
Bits
[7:2]
[1]
[0]
Default
6'd63
1'b1
1'b1
Bits
Mnemonic
Description
[7:2]
RESERVED
N/A
[1]
AUTOMUTE_EN_CH2
• 1'b0: Disables ch2 automute
• 1'b1: Enables ch2 automute (default)
[0]
AUTOMUTE_EN_CH1
• 1'b0: Disables ch1 automute
• 1'b1: Enables ch1 automute (default)
Register 125-124: AUTOMUTE TIME
Bits
[15] [14] [13:12]
[11] [10:0]
Default
1'b0 1'b0 2'b00
1'b1 11'h0F
Bits
Mnemonic
Description
[15]
EXTERNAL_DEM_IE
Forces GPIO1-6 as inputs with 1 control bit.
• 1'b0: GPIO_SDB determined by register 42[5:0]. (default)
• 1'b1: GPIO1-6 inputs enabled. Overrides register 42[5:0].
[14]
EXTERNAL_DEM
Allows GPIO1-6 to be programmed into a full external loopback.
• 1'b0: Connect NSMOD output to DEM input (default)
• 1'b1: Connect GPIO1-6 to DEM inputs
[13:12]
RESERVED
N/A
[11]
MUTE_RAMP_TO_GROUND
• 1'b0: When ramped to min volume during normal mute, do
not soft ramp to ground
• 1'b1: When ramped to min volume during normal mute, soft
ramp to ground for power saving (default)
normal mute includes: automute, mute by register, mute by
GPIO
[10:0]
AUTOMUTE_TIME
Configures the amount of time in seconds the audio must
remain below AUTOMUTE_LEVEL before an
automute condition is flagged.
• 11'h000: Disabled
• 11'h001: Slowest
• 11'h00F: Default
• 11'h7FF: Fastest
Time [s] =
2
18
AUTOMUTE_TIME · ������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com